Electronic Components Datasheet Search
  English  ▼

X  

PE6234 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6234
Description  N Female Input Round Body Black Anodized Aluminum Heatsink
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6234 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6234 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6234 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6234 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6234 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 3 GHz Frequency Range
• VSWR 1.1:1 Max
• Max Power 50 Watt (CW)
• N Female Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6234 is an RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and handles
up to 50 Watt (CW). Our N termination / load has a female gender. PE6234 N load termination offers 1.1:1 max VSWR.
This Pasternack 50W N terminator has a heatsink body which is designed to provide adequate heat dissipation within its full
frequency of operation.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.1:1
Passive Intermodulation
-100
dBc
Input Power (CW)
50
Watts
Input Power (Peak)
1
KWatts
5µs pulse, 5% duty cycle
.
Electrical Specification Notes:
Passive intermodulation measured with two 20W signals at 935 MHz and 960 MHz.
Mechanical Specifications
Size
Length
5 in [127 mm]
Width
1.97 in [50.04 mm]
.
Weight
0.79 lbs [358.34 g]
.
PE6234
PE6234 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up to 3 GHz With N Female Input Round Body Black Anodized Aluminum
Heatsink PE6234
RF Terminations Technical Data Sheet
50 Watt RF Load Up to 3 GHz With N Female Input
Round Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6234

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6234 PASTERNACK-PE6234 Datasheet
199Kb / 3P
Medium Power 50 Watts RF Load Up To 3 GHz With N Female Input Round Body Black Anodized Aluminum Heatsink
More results

Similar Description - PE6234

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6231 PASTERNACK-PE6231_16 Datasheet
447Kb / 4P
N Female Input High Power Black Anodized Aluminum Heatsink
PE7014-1 PASTERNACK-PE7014-1_16 Datasheet
233Kb / 3P
1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-6 PASTERNACK-PE7014-6_16 Datasheet
233Kb / 3P
6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-10 PASTERNACK-PE7014-10_16 Datasheet
234Kb / 3P
10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-30 PASTERNACK-PE7014-30_16 Datasheet
234Kb / 3P
30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-40 PASTERNACK-PE7014-40_16 Datasheet
233Kb / 3P
40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-2 PASTERNACK-PE7015-2_16 Datasheet
238Kb / 3P
1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-40 PASTERNACK-PE7015-40_16 Datasheet
238Kb / 3P
40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-6 PASTERNACK-PE7017-6_16 Datasheet
241Kb / 3P
6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-20 PASTERNACK-PE7017-20_16 Datasheet
241Kb / 3P
20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com