Electronic Components Datasheet Search
  English  ▼

X  

PE6242 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6242
Description  2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6242 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6242 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6242 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6242 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6242 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 50 GHz Frequency Range
• VSWR 1.45:1 Max
• Max Power 2 Watt (CW)
• 2.4mm Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6242 is an RF termination (also called RF load or dummy load) that operates from DC to 50 GHz and handles
up to 2 Watt (CW). Our 2.4mm termination / load has a male gender. PE6242 2.4mm load termination offers 1.45:1 max
VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
50
GHz
Impedance
50
Ohms
VSWR
1.45:1
Input Power (CW)
2
Watts
derated linearly to 0.2W at +100°C
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 18
18 to 35
35 to 50
GHz
VSWR, Max
1.15:1
1.3:1
1.45:1
.
PE6242
PE6242 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel PE6242
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 50 GHz With 2.4mm
Male Input Passivated Stainless Steel


Similar Part No. - PE6242

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6242 PASTERNACK-PE6242 Datasheet
328Kb / 2P
Low Power 2 Watts RF Load Up To 50 GHz With 2.4mm Male Input
More results

Similar Description - PE6242

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6071 PASTERNACK-PE6071_16 Datasheet
423Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6077 PASTERNACK-PE6077_16 Datasheet
425Kb / 4P
1 Watt RF Load Up to 26.5 GHz With SMA Male Input Passivated Stainless Steel
PE6081 PASTERNACK-PE6081_16 Datasheet
424Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6082 PASTERNACK-PE6082 Datasheet
428Kb / 4P
2 Watt RF Load with Chain Up to 18 GHz with SMA Male Input Passivated Stainless Steel
PE6083 PASTERNACK-PE6083 Datasheet
423Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6089 PASTERNACK-PE6089_16 Datasheet
425Kb / 4P
2 Watt RF Load Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6090 PASTERNACK-PE6090_16 Datasheet
427Kb / 4P
2 Watt RF Load With Chain Up to 18 GHz With TNC Male Input Passivated Stainless Steel
PE6091 PASTERNACK-PE6091_16 Datasheet
420Kb / 3P
2 Watt RF Load Up to 18 GHz With TNC Female Input Passivated Stainless Steel
PE6227 PASTERNACK-PE6227_17 Datasheet
379Kb / 4P
2 Watt RF Load Up to 50 GHz With 2.4mm Male Input Passivated Stainless Steel
PE6235 PASTERNACK-PE6235_16 Datasheet
439Kb / 4P
1 Watt RF Load Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com