Electronic Components Datasheet Search
  English  ▼

X  

PE6802 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6802
Description  0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6802 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6802 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6802 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6802 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz PE6802
URL: https://www.pasternack.com/waveguide-termination-frequency-range-1800-2650-ghz-pe6802-p.aspx
PE6802 REV 1.3
PE6802
0.5 Watts Low Power WR-42 Waveguide
Load 18 GHz to 26.5 GHz
Waveguide Terminations Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com