Electronic Components Datasheet Search
  English  ▼

X  

PE6815 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6815
Description  2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6815 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6815 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6815 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6815 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-90
• 8.2 to 12.4 GHz
• 1.05:1 Maximum VSWR
• 2 Watts Average Power Handling (CW)
Applications
• Instrumentation
• Precision Measurements
• Prototyping and Characterization
• Production Systems
.
Description
Pasternack’s PE6815 is part of our line of waveguide terminations (or waveguide loads) which are in stock and available to
ship same-day. Waveguide loads are designed to absorb virtually all applied power, ensuring a low VSWR. Our PE6815 offers
excellent VSWR of 1.05:1 maximum. This WR-90 waveguide termination uses a square cover flange and offers CW power
handling of up to 2 Watts.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.05:1
Input Power (CW)
2
Watts
.
Mechanical Specifications
Size
Length
4 in [101.6 mm]
Width/Dia.
1.62 in [41.15 mm]
Height
1.62 in [41.15 mm]
.
Weight
0.453 lbs [205.48 g]
.
Description
Flange
Waveguide
Designation
None
WR-90
Type
Square Cover
Material
Aluminum
Finish
Blue Paint
Blue Paint
...
Environmental Specifications
.
PE6815 REV 1.1
PE6815
2 Watts Low Power Precision WR-90 Waveguide
Load 8.2 GHz to 12.4 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz PE6815


Similar Part No. - PE6815

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6815 PASTERNACK-PE6815 Datasheet
205Kb / 2P
2 Watts Precision WR-90 RF Load Up To 12.4 GHz
More results

Similar Description - PE6815

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE6806 PASTERNACK-PE6806 Datasheet
205Kb / 2P
2 Watts WR-90 RF Load Up To 12.4 GHz
PE6815 PASTERNACK-PE6815 Datasheet
205Kb / 2P
2 Watts Precision WR-90 RF Load Up To 12.4 GHz
PE6824 PASTERNACK-PE6824 Datasheet
206Kb / 2P
90 Watts WR-90 RF Load Up To 12.4 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1006 PASTERNACK-PEWTR1006 Datasheet
368Kb / 3P
4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1007 PASTERNACK-PEWTR1007 Datasheet
368Kb / 3P
4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com