Electronic Components Datasheet Search
  English  ▼

X  

PE6820 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6820
Description  50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6820 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6820 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6820 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
18
26.5
GHz
VSWR
1.07:1
Input Power (CW)
50
Watts
.
Mechanical Specifications
Size
Length
3.5 in [88.9 mm]
Width/Dia.
0.875 in [22.23 mm]
Height
0.875 in [22.23 mm]
.
Weight
0.151 lbs [68.49 g]
.
Description
Flange
Waveguide
Designation
None
WR-42
Type
Square Cover
Material
Aluminum
...
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz, Aluminum from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz, Aluminum PE6820
URL: https://www.pasternack.com/medium-power-waveguide-termination-frequency-range-1800-2650-ghz-pe6820-p.aspx
PE6820 REV 1.1
PE6820
50 Watts Medium Power WR-42 Waveguide
Load 18 GHz to 26.5 GHz, Aluminum
Waveguide Terminations Technical Data Sheet


Similar Part No. - PE6820

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
More results

Similar Description - PE6820

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
100 Watts WR-42 RF Load Up To 26.5 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6800 PASTERNACK-PE6800_16 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6818 PASTERNACK-PE6818_16 Datasheet
765Kb / 3P
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1002 PASTERNACK-PEWTR1002 Datasheet
369Kb / 3P
1 Watt Low Power Commercial Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com