Electronic Components Datasheet Search
  English  ▼

X  

BFR92AF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFR92AF
Description  Silicon NPN Planar RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR92AF Datasheet(HTML) 1 Page - Vishay Siliconix

  BFR92AF Datasheet HTML 1Page - Vishay Siliconix BFR92AF Datasheet HTML 2Page - Vishay Siliconix BFR92AF Datasheet HTML 3Page - Vishay Siliconix BFR92AF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VISHAY
BFR92AF
Document Number 85098
Rev. 1.3, 30-Aug-04
Vishay Semiconductors
www.vishay.com
1
2
1
3
Electrostatic sensitive device.
Observe precautions for handling.
16867
Silicon NPN Planar RF Transistor
Description
The main purpose of this bipolar transistor is broad-
band amplification up to 1 GHz. In the space-saving
3-pin surface-mount SOT-490 package electrical per-
formance and reliability are taken to a new level cov-
ering a smaller footprint on PC boards than previous
packages. In addition to space savings, the SOT-490
provides a higher level of reliability than other 3-pin
packages, such as more resistance to moisture. Due
to the short length of its leads the SOT-490 is also
reducing package inductances resulting in some bet-
ter electrical performance. All of these aspects make
this device an ideal choice for demanding RF applica-
tions.
Features
• High power gain
• Low noise figure
• High transition frequency
Applications
Wide band amplifier up to GHz range.
Mechanical Data
Typ: BFR92AF
Case: SOT-490 Plastic case
Weight: approx. 2.5 mg
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35 µm Cu
Part
Marking
Package
BFR92AF
P2
SOT-490
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
2V
Collector current
IC
30
mA
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W


Similar Part No. - BFR92AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR92AF VISHAY-BFR92AF Datasheet
86Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR92AF VISHAY-BFR92AF_08 Datasheet
86Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results

Similar Description - BFR92AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com