Electronic Components Datasheet Search
  English  ▼

X  

M54585P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M54585P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54585P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54585P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aug. 1999
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54585P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT
PG
50
Ω
CL
OPEN
VO
RL
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VI = 3.85V
(2) Input-output conditions : RL = 25
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
Measured device
TYPICAL CHARACTERISTICS
Thermal Derating Factor Characteristics
Ambient temperature Ta (°C)
M54585FP
M54585P
0
0
0.5
1.0
1.5
2.0
25
50
75
100
’
“
Duty cycle (%)
Œ



‘
Ž
Duty-Cycle-Collector Characteristics
(M54585P)
0
200
100
300
400
500
0
20
40
60
80
100
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE (sat) (V)
0
500
0
0.5
1.0
1.5
2.0
VI = 3.4V
Ta = 75°C
Ta = –20°C
Ta = 25°C
400
300
200
100
‘
“
Duty cycle (%)
Œ
Ž



Duty-Cycle-Collector Characteristics
(M54585P)
0
200
100
300
400
500
0
20
40
60
80
100
’
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25°C
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value in the circle represents the
value of the simultaneously-operated circuit.
•Ta = 75°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com