Electronic Components Datasheet Search
  English  ▼

X  

TLV705185YFPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV705185YFPR
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV705185YFPR Datasheet(HTML) 5 Page - Texas Instruments

  TLV705185YFPR Datasheet HTML 1Page - Texas Instruments TLV705185YFPR Datasheet HTML 2Page - Texas Instruments TLV705185YFPR Datasheet HTML 3Page - Texas Instruments TLV705185YFPR Datasheet HTML 4Page - Texas Instruments TLV705185YFPR Datasheet HTML 5Page - Texas Instruments TLV705185YFPR Datasheet HTML 6Page - Texas Instruments TLV705185YFPR Datasheet HTML 7Page - Texas Instruments TLV705185YFPR Datasheet HTML 8Page - Texas Instruments TLV705185YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
TLV705, TLV705P
www.ti.com
SBVS151F – DECEMBER 2010 – REVISED APRIL 2017
Product Folder Links: TLV705 TLV705P
Submit Documentation Feedback
Copyright © 2010–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground pin.
6 Specifications
6.1 Absolute Maximum Ratings
specified at TJ = –40°C to +125°C, unless otherwise noted. All voltages are with respect to GND.
(1)
MIN
MAX
UNIT
Voltage(2)
VIN
–0.3
6
V
VEN
–0.3
6
V
VOUT
–0.3
6
V
Maximum output current
IOUT
Internally limited
Output short-circuit duration
Indefinite
Temperature
Operating junction, TJ
–55
150
°C
Storage, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2
5.5
V
VOUT
Output voltage
0.7
4.8
V
IOUT
Output current
0
200
mA
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV705
UNIT
YFF, YFP
(DSBGA)
YFM
(PicoStar)
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
160
191.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80
3.1
°C/W
RθJB
Junction-to-board thermal resistance
90
36.5
°C/W
ψJT
Junction-to-top characterization parameter
0.5
2.8
°C/W
ψJB
Junction-to-board characterization parameter
78
26.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com