Electronic Components Datasheet Search
  English  ▼

X  

ESDAXLC5-1U2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAXLC5-1U2
Description  Low clamping, single-line unidirectional ESD protection for high speed interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC5-1U2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAXLC5-1U2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
January 2016
DocID028771 Rev 1
1/12
ESDAXLC5-1U2
Low clamping, single-line unidirectional ESD protection
for high speed interface
Datasheet
production data
Figure 1. Functional diagram (top view)
Features
 Unidirectional device
 Low clamping voltage:
– 10.4 V IEC 61000-4-2, 8 kV contact
measured at 30 ns
– 13.7 V TLP 16 A IPP
 Very high bandwidth: 11.4 GHz
 0201 package
 Ultra low PCB area: 0.18 mm2
 ECOPACK®2 and RoHS compliant component
Complies with the following standards:
 IEC 61000-4-2 level 4 (exceed level4)
– ±30 kV (air discharge)
– ±16 kV (contact discharge)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
 Smartphones, mobile phone and accessories
 Tablet PCs, netbooks and notebooks
 Portable multimedia devices and accessories
 Digital cameras and camcorders
 Communication and highly integrated systems
Description
The ESDAXLC5-1U2 is a unidirectional single line
TVS diode designed to protect data lines or other
I/O ports against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
www.st.com


Similar Part No. - ESDAXLC5-1U2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXLC18-1BF4 STMICROELECTRONICS-ESDAXLC18-1BF4 Datasheet
267Kb / 10P
Extra low capacitance single line bidirectional ESD protection
07-Jul-2016
ESDAXLC4-1BF3 STMICROELECTRONICS-ESDAXLC4-1BF3 Datasheet
177Kb / 10P
Single line extra low capacitance TVS
May 2011 Rev 2
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
Single-line bidirectional ESD protection for high speed interface
12-Aug-2013
logo
Shanghai Leiditech Elec...
ESDAXLC6-1BT2 LEIDITECH-ESDAXLC6-1BT2 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
STMicroelectronics
ESDAXLC6-1BT2Y STMICROELECTRONICS-ESDAXLC6-1BT2Y Datasheet
392Kb / 12P
Automotive single-line extra low capacitance Transil, transient surge voltage suppressor (TVS) for ESD protection
03-Nov-2014
More results

Similar Description - ESDAXLC5-1U2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
Single-line bidirectional ESD protection for high speed interface
21-Sep-2012
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
204Kb / 9P
Single-line bidirectional ESD protection for high speed interface
25-Feb-2015
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
Low clamping single line bidirectional ESD protection
08-Apr-2014
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
Single-line bidirectional ESD protection for high speed interface
20-Aug-2015
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
Single-line bidirectional ESD protection for high speed interface
12-Aug-2013
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
Single-line unidirectional ESD protection for high speed interface
05-Jun-2012
ESDA5-1F4 STMICROELECTRONICS-ESDA5-1F4 Datasheet
607Kb / 9P
Low clamping single line unidirectional ESD
May 2017 Rev 1
ESDZL5-1F4 STMICROELECTRONICS-ESDZL5-1F4 Datasheet
445Kb / 9P
Low clamping, low capacitance unidirectional single line ESD protection
17-Aug-2017
ESD051-1F4 STMICROELECTRONICS-ESD051-1F4 Datasheet
553Kb / 10P
Low clamping single line unidirectional ESD
02-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com