Electronic Components Datasheet Search
  English  ▼

X  

LMH6704 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6704
Description  650 MHz Progammable Gain Buffer with Disable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6704 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6704 Datasheet HTML 1Page - National Semiconductor (TI) LMH6704 Datasheet HTML 2Page - National Semiconductor (TI) LMH6704 Datasheet HTML 3Page - National Semiconductor (TI) LMH6704 Datasheet HTML 4Page - National Semiconductor (TI) LMH6704 Datasheet HTML 5Page - National Semiconductor (TI) LMH6704 Datasheet HTML 6Page - National Semiconductor (TI) LMH6704 Datasheet HTML 7Page - National Semiconductor (TI) LMH6704 Datasheet HTML 8Page - National Semiconductor (TI) LMH6704 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model
200V
Supply Voltage
13.5V
I
OUT
(Note 3)
Common-Mode Input Voltage
V
S
− to V
S
+
Maximum Junction Temperature
150˚C
Storage Temperature Range
−65˚C to 150˚C
Soldering Information
Infrared or Convection (20 sec.)
235˚C
Wave Soldering (10 sec.)
260˚C
Lead Temp. (soldering 10 sec.)
300˚C
Operating Ratings (Note 1)
Nominal Supply Voltage
±4V to ±6V
Temperature Range (Note 8)
−40˚C to 85˚C
Thermal Resistance
Package
(
θ
JC)(
θ
JA)
8-Pin SOIC
75˚C/W
160˚C/W
6-Pin SOT23
120˚C/W
187˚C/W
Electrical Characteristics (Note 2)
T
A = +25˚C , AV = +2, VS = ±5V, RL = 100
Ω; unless specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
Dynamic Performance
SSBW
-3 dB Bandwidth
V
OUT = 0.5 VPP,AV = +1
650
MHz
SSBW
V
OUT = 0.5 VPP
450
LSBW
V
OUT =2VPP
400
GF
0.1dB
0.1 dB Gain Bandwidth
V
OUT =2VPP
200
MHz
SR
Slew Rate
V
OUT =4VPP, 40% to 60% (Note 5)
3000
V/µs
TRS/TRL
Rise and Fall Time
(10% to 90%)
2V Step
0.9
ns
t
s
Settling Time to 0.1%
2V Step
10
ns
Distortion and Noise Response
HD2L
2
nd Harmonic Distortion
V
OUT = 2.0 VPP,f=10MHz
−62
dBc
HD2H
V
OUT = 2.0 VPP,f=40MHz
−52
HD3L
3
rd Harmonic Distortion
V
OUT = 2.0 VPP,f=10MHz
−78
dBc
HD3H
V
OUT = 2.0 VPP,f=40MHz
−65
IMD
Two-Tone Intermodulation
f = 10 MHz, P
OUT = 10 dBm/tone
−65
dBc
V
N
Output Noise Voltage
f = 100 kHz
A
V = +2
10.5
nV/
A
V = +1
9.3
A
V = −1
10.5
I
NN
Non-Inverting Input Noise
Current
3
pA/
DG
Differential Gain
R
L = 150
Ω, f = 4.43 MHz
.02
%
DP
Differential Phase
R
L = 150
Ω, f = 4.43 MHz
0.02
deg
Static, DC Performance
A
V
Gain
1.98
1.96
2.00
2.02
2.04
V/V
Gain Error
−1
−2
+1
+2
%
V
IO
Input Offset Voltage
2
±7
±8.3
mV
DV
IO
Input Offset Voltage Average
Drift
35
µV/˚C
I
BN
Input Bias Current
Non-Inverting (Note 7)
−5
±15
±18
µA
I
BI
Input Bias Current
Inverting
5
±22
±31
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com