Electronic Components Datasheet Search
  English  ▼

X  

LRTBGRTG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTBGRTG
Description  DISPLIX Blackprint
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGRTG Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTBGRTG Datasheet HTML 1Page - OSRAM GmbH LRTBGRTG Datasheet HTML 2Page - OSRAM GmbH LRTBGRTG Datasheet HTML 3Page - OSRAM GmbH LRTBGRTG Datasheet HTML 4Page - OSRAM GmbH LRTBGRTG Datasheet HTML 5Page - OSRAM GmbH LRTBGRTG Datasheet HTML 6Page - OSRAM GmbH LRTBGRTG Datasheet HTML 7Page - OSRAM GmbH LRTBGRTG Datasheet HTML 8Page - OSRAM GmbH LRTBGRTG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LRTB GRTG
DISPLIX Blackprint
Data Sheet
Version
1.5
1.5
1.5
1.5
2015-06-30
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videoleinwänden entwickelt worden.
Die 6-lead Technologie läßt eine unabhängige
Ansteuerung aller Chips zu und bietet dadurch
eine additive Farbmischung. Das weiße
Gehäuse mit schwarzer Oberfläche bietet hohe
Intensität bei gutem Kontrast.
Merkmale
• Gehäusetyp: weißes PLCC-6 Gehäuse, diffuser
Silikon Verguss
• Farbe: Rot/True Grün/Blau, 625 nm (rot),
528 nm (true grün), 470 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 3
• ESD-Festigkeit: ESD -sensitives Bauteil
Hauptanwendungen
• Videoleinwände
• Vollfarb-Displays
This device is especially designed for full color
video walls. The 6-lead technology admits an
additive mixture of color stimuli by
independent driving of each chip. The white
package with black surface offers high
luminous intensity and good contrast.
Features
• package: white PLCC-6 package, diffused
silicone resin
• color: red/true green/ blue, 625 nm (red),
528 nm (true green), 470 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 3
• ESD-withstand voltage: ESD sensitive device
Main Applications
• video walls in outdoor areas
• full color displays


Similar Part No. - LRTBGRTG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBGRUG OSRAM-LRTBGRUG Datasheet
905Kb / 26P
video walls in outdoor areas
More results

Similar Description - LRTBGRTG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBHDLP71.32 OSRAM-KRTBHDLP71.32 Datasheet
656Kb / 28P
DISPLIX E2020
KTHAVPA1.12 OSRAM-KTHAVPA1.12 Datasheet
919Kb / 22P
DISPLIX Oval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com