Electronic Components Datasheet Search
  English  ▼

X  

LTC1840 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1840
Description  Dual Fan Controller with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1840 Datasheet HTML 4Page - Linear Technology LTC1840 Datasheet HTML 5Page - Linear Technology LTC1840 Datasheet HTML 6Page - Linear Technology LTC1840 Datasheet HTML 7Page - Linear Technology LTC1840 Datasheet HTML 8Page - Linear Technology LTC1840 Datasheet HTML 9Page - Linear Technology LTC1840 Datasheet HTML 10Page - Linear Technology LTC1840 Datasheet HTML 11Page - Linear Technology LTC1840 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1840
12
1840f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0402 2K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1625
No RSENSE
TM Current Mode Synchronous Step-Down
Up to 97% Efficiency; 1.19V
≤ VIN ≤ 36V;
Switching Regulator
1.19V
≤ VOUT ≤ VIN; Up to 99% Duty Cycle
LTC1695
SMBus/I2C Fan Speed Controller in ThinSOT
TM
0.75
Ω PMOS Linear Regulator with 180mA Output Current Rating
LTC1694/LTC1694-1
SMBus Accelerator
Includes DC and AC Pull-Up Current/AC Pull-Up Current Only
LTC1771
Ultralow Supply Current Step-Down DC/DC Controller
10
µA Supply Current; 93% Efficiency;
1.23V
≤ VOUT ≤ 18V; 2.8V ≤ VIN ≤ 20V; Up to 100% Duty Cycle
LTC4300-1
Hot Swappable 2-Wire Bus Buffer
Prevents SDA, SCL Corruption During Live Insertion;
Bidirectional Bus Buffer; Isolates Backplane and Card Capacitance
No RSENSE and ThinSOT are trademarks of Linear Technology Corporation.
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
16
15
14
13
12
11
10
9
LTC1840
1
2
3
4
5
6
7
8
EXTVCC
SYNC
RUN/SS
FCB
ITH
SGND
VOSENSE
VPROG
VIN
TK
SW
TG
B00ST
INTVCC
BG
PGND
1
2
3
4
5
6
7
8
10k
10k
130
Ω
LED1
NC
NC
TO AUTOMATICALLY MUX TACHB BETWEEN THE
TWO PARALLEL FANS, SET GPIO2 TO BLINK
ADDRESS = 1110010
(8 OTHERS POSSIBLE)
L1 = SUMIDA CDRH125-15OMC
CIN, COUT, = PANASONIC EEV-FC1C471P
R1, R2 = 1% METAL FILM
LTC1625
+
+
+
CIN1
470
µF
CIN2
470
µF
4.7k
+
CC1
470pF
CF1
100pF
CC2
220pF
CB, 0.22
µF
10k
CVCC
4.7
µF
CVIN
0.1
µF
Si4410DY
Si4410DY
L1
15
µH
MBRS140T3
+
R1
75k
R2
27k
COUT1
470
µF
×2
3.3V
3.3V
3.3V
3.3V
SCL
SDA
A1
A0
FAULT
GPIO1
GPIO2
GND
VCC
IDACOUTA
IDACOUTB
BLAST
TACHB
TACHA
GPIO4
GPIO3
DC
FAN
DC
FAN
1840 TA03
CMDSH-3
SYSTEM
RESET
LTC1840
TACH
OUT
TACH
OUT
BYS10-25
EXTVCC
SYNC
RUN/SS
FCB
ITH
SGND
VOSENSE
VPROG
VIN
TK
SW
TG
B00ST
INTVCC
BG
PGND
1
2
3
4
5
6
7
8
LTC1625
+
+
CIN1B
470
µF
CIN2B
470
µF
4.7k
+
CC1B
470pF
CF1B
100pF
CC2B
220pF
CBB, 0.22
µF
10k
CVCCB
4.7
µF
CVINB
0.1
µF
Si4410DY
Si4410DY
L1B
15
µH
MBRS140T3
+
R1B
75k
R2B
27k
COUT1B
470
µF
×2
DC
FAN
DC
FAN
CMDSH-3
TACH
OUT
TACH
OUT
10k
10k
10k
IN4148
10k
12V
2- NMB 5910PL-04W-B59-D50 FANS
2.1A NOM AT 12V
2- NMB 5920PL-04W-B29-D50 FANS
2.2A NOM AT 12V
(4.5V TO 12V)
(4.5V TO 12V)
TP0101TS
TN0205A
SDA
SCL
FAULT
-A-
-A-
0.1
µF
10
µF
Controlling Fan Pair with Automatic Blast Redundancy
and Fan Pair with Automatic Tach Muxing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com