Electronic Components Datasheet Search
  English  ▼

X  

LTC2435 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2435
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2435 Datasheet HTML 32Page - Linear Technology LTC2435 Datasheet HTML 33Page - Linear Technology LTC2435 Datasheet HTML 34Page - Linear Technology LTC2435 Datasheet HTML 35Page - Linear Technology LTC2435 Datasheet HTML 36Page - Linear Technology LTC2435 Datasheet HTML 37Page - Linear Technology LTC2435 Datasheet HTML 38Page - Linear Technology LTC2435 Datasheet HTML 39Page - Linear Technology LTC2435 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC2435/LTC2435-1
40
24351fa
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/°C Drift, 0.05% Max Initial Accuracy
LT1025
Micropower Thermocouple Cold Junction Compensator
80µA Supply Current, 0.5°C Initial Accuracy
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/°C Max Drift,
LTC2400
24-Bit, No Latency ∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200µA
LTC2401/LTC2402 1-/2-Channel, 24-Bit, No Latency ∆Σ ADCs in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200µA
LTC2404/LTC2408 4-/8-Channel, 24-Bit, No Latency ∆Σ ADCs with Differential Inputs 0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200µA
LTC2410
24-Bit, No Latency ∆Σ ADC with Differential Inputs
800nVRMS Noise, Pin Compatible with LTC2435
LTC2411/
24-Bit, No Latency ∆Σ ADC with Differential Inputs in MSOP
1.45µVRMS Noise, 4ppm INL,
LTC2411-1
Simultaneous 50Hz/60Hz Rejection (LTC2411-1)
LTC2413
24-Bit, No Latency ∆Σ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2415/
24-Bit, No Latency ∆Σ ADC with 15Hz Output Rate
Pin Compatible with the LTC2435/LTC2435-1
LTC2415-1
LTC2414/LTC2418 8-/16-Channel 24-Bit, No Latency ∆Σ ADC
0.2ppm Noise, 2ppm INL, 3ppm Total Unadjusted Errors 200µA
LTC2420
20-Bit, No Latency ∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2430/LTC2431 20-Bit, No Latency ∆Σ ADC with Differential Inputs
2.8µV Noise, SSOP-16/MSOP Package
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0804 1K REV A • PRINTED IN USA
RELATED PARTS
–
+
U1
LT1219
U2
LT1219
5k
5k
C1
0.1µF
C2
0.1µF
R3 10k
R6 10k
C4 2.2nF
C3 2.2nF
R4
499Ω
R5
499Ω
10V
10V
1000pF
1000pF
1k
1k
R2
27k
10V
DIFFERENCE
AMP
33Ω
100Ω
R1
61.9Ω
0.1%
Q1
22Ω
22Ω
22Ω
22Ω
74HC04
350Ω
×4
5V
5V
2.7k
2.7k
100Ω
100Ω
1.5k
1.5k
ELIMINATE FOR 5V
OPERATION (CONNECT 2.7k
RESISTORS TO 100Ω
RESISTORS)
Q4
Q5
Q2
Q3
5V
POL
Q1:
Q2, Q3:
Q4, Q5:
SILICONIX Si9802DY
(800) 554-5565
MMBD2907
MMBD3904
0.1µf
0.1µf
3
2
4
5
6
7
SHDN
2
3
4
5
6
7
SHDN
5
6
3
4
30pF
2435 F46
30pF
IN+
IN–
REF+
REF–
GND
LTC2435/
LTC2435-1
Correlated Double Sampling Resolves 100nV
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com