Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

3850 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button 3850 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor 3850 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
9
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 3 Support products (spec. H)
Product name
24576
(24446)
ROM size (bytes)
ROM size for User in (
)
M38503M2H-XXXSP
M38503M2H-XXXFP
M38503M4H-XXXSP
M38503M4H-XXXFP
M38504M6-XXXSP
M38504E6-XXXSP
M38504E6SP
M38504E6SS
M38504M6-XXXFP
M38504E6-XXXFP
M38504E6FP
M38507M8-XXXSP
M38507M8-XXXFP
M38507F8SP
M38507F8FP
42P4B
42P2R-A/E
42P4B
42P2R-A/E
424P4B
42S1B-A
42P2R-A/E
42P4B
42P2R-A/E
42P4B
42P2R-A/E
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
Mask ROM version
Flash memory version
Flash memory version
8192
(8062)
512
16384
(16254)
640
512
Table 5 Differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A)
Serial I/O
A-D converter
Large current port
Software pull-up
resistor
Maximum operating
frequency
3850 group (standard)
1: Serial I/O
(UART or Clock-synchronized)
Unserviceable in low-speed mode
Analog channel ............................. 5
5: P13–P17
Not available
8 MHz
3850 group (spec. H)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
Analog channel ................................ 5
8: P10–P17
Not available
8 MHz
3850 Group (Spec. H/A)
32768
(32638)
1024
RAM size (bytes)
Remarks
Package
Table 4 Support products (spec. A)
Product name
ROM size (bytes)
ROM size for User in (
)
M38503M2A-XXXSP
M38503M2A-XXXFP
M38503M4A-XXXSP
M38503M4A-XXXFP
M38507F8SP
M38507F8FP
42P4B
42P2R-A/E
42P4B
42P2R-A/E
42P4B
42P2R-A/E
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Flash memory version
Flash memory version
8192
(8062)
512
16384
(16254)
512
32768
1024
3850 group (spec. A)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
Analog channel ................................ 9
8: P10–P17
Built-in (Port P0–P4)
12.5 MHz
Notes on differences among 3850 group
(standard), 3850 group (spec. H), and 3850
group (spec. A)
(1) The absolute maximum ratings of 3850 group (spec. H/A) is
smaller than that of 3850 group (standard).
•Power source voltage Vcc = –0.3 to 6.5 V
•CNVss input voltage VI = –0.3 to Vcc +0.3 V
(2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may
be some differences among 3850 group (standard), 3850
group (spec. H), and 3850 group (spec. A).
(3) Do not write any data to the reserved area and the reserved
bit. (Do not change the contents after reset.)
(4) Fix bit 3 of the CPU mode register to “1”.
(5) Be sure to perform the termination of unused pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com