Electronic Components Datasheet Search
  English  ▼

X  

PE6824 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6824
Description  90 Watts High Power WR-90 Waveguide Load
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6824 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6824 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6824 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6824 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-90
• 8.2 to 12.4 GHz
• 1.07:1 Maximum VSWR
• 90 Watt Average Power Handling (CW)
Applications
• Instrumentation
• Precision Measurements
• Prototyping and Characterization
• Production Systems
.
Description
Pasternack’s PE6824 is part of our line of waveguide terminations (or waveguide loads) which are in stock and available to
ship same-day. Waveguide loads are designed to absorb virtually all applied power, ensuring a low VSWR. Our PE6824 offers
excellent VSWR of 1.07:1 maximum. This WR-90 waveguide termination uses a square cover flange and offers CW power
handling of up to 90 Watts.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
8.2
12.4
GHz
VSWR
1.07:1
Input Power (CW)
90
Watts
.
Mechanical Specifications
Size
Length
6 in [152.4 mm]
Width/Dia.
1.63 in [41.4 mm]
Height
1.63 in [41.4 mm]
.
Weight
0.869 lbs [394.17 g]
.
Description
Flange
Waveguide
Designation
None
WR-90
Type
Square Cover
Material
Aluminum
...
Environmental Specifications
.
PE6824 REV 1.2
PE6824
90 Watts High Power WR-90 Waveguide
Load 8.2 GHz to 12.4 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Watts High Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz PE6824


Similar Part No. - PE6824

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6824 PASTERNACK-PE6824 Datasheet
206Kb / 2P
90 Watts WR-90 RF Load Up To 12.4 GHz
More results

Similar Description - PE6824

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6824 PASTERNACK-PE6824 Datasheet
206Kb / 2P
90 Watts WR-90 RF Load Up To 12.4 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6832 PASTERNACK-PE6832_16 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
PEWGK1006 PASTERNACK-PEWGK1006 Datasheet
443Kb / 3P
WR-90 Waveguide Gasket kit
PEWGK1007 PASTERNACK-PEWGK1007 Datasheet
442Kb / 3P
WR-90 Waveguide Gasket kit
PEWTR1007 PASTERNACK-PEWTR1007 Datasheet
368Kb / 3P
4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12_V01 Datasheet
425Kb / 4P
WR-90 Twistable Flexible Waveguide
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com