Electronic Components Datasheet Search
  English  ▼

X  

PE6832 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6832
Description  175 Watts High Power WR-75 Waveguide Load
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6832 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6832 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6832 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6832 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• WR-75
• 10 to 15 GHz
• 1.10:1 Maximum VSWR
• 175 Watt Average Power Handling (CW)
Applications
• Instrumentation
• Precision Measurements
• Prototyping and Characterization
• Production Systems
.
Description
Pasternack’s PE6832 is part of our line of waveguide terminations (or waveguide loads) which are in stock and available to
ship same-day. Waveguide loads are designed to absorb virtually all applied power, ensuring a low VSWR. Our PE6832 offers
excellent VSWR of 1.10:1 maximum. This WR-75 waveguide termination uses a square cover flange and offers CW power
handling of up to 175 Watts.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
VSWR
1.1:1
Input Power (CW)
175
Watts
.
Mechanical Specifications
Size
Length
6 in [152.4 mm]
Width/Dia.
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
2.199 lbs [997.45 g]
.
Description
Flange
Waveguide
Designation
None
WR-75
Type
Square Cover
Material
Brass
...
Environmental Specifications
.
PE6832 REV 1.1
PE6832
175 Watts High Power WR-75 Waveguide Load 10 GHz to 15 GHz
Waveguide Terminations Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 175 Watts High Power WR-75 Waveguide Load 10 GHz to 15 GHz PE6832


Similar Part No. - PE6832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
More results

Similar Description - PE6832

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6823 PASTERNACK-PE6823 Datasheet
207Kb / 2P
75 Watts WR-75 RF Load Up To 15 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6824 PASTERNACK-PE6824_17 Datasheet
349Kb / 3P
90 Watts High Power WR-90 Waveguide Load
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PEWCR1002 PASTERNACK-PEWCR1002 Datasheet
538Kb / 5P
WR-75 Waveguide Circulator
PEWTR1005 PASTERNACK-PEWTR1005 Datasheet
365Kb / 3P
2.5 Watts Low Power Commercial Grade WR-75 Waveguide Load 10 GHz to 15 GHz
PE-W10TR1001 PASTERNACK-PE-W10TR1001 Datasheet
406Kb / 3P
0.4 Watts Instrumentation Grade WR-10 Waveguide Load 75 GHz to 110 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com