Electronic Components Datasheet Search
  English  ▼

X  

PTCSC17 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCSC17
Description  Mini Chips for Over-Temperature Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSC17 Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCSC17 Datasheet HTML 1Page - Vishay Siliconix PTCSC17 Datasheet HTML 2Page - Vishay Siliconix PTCSC17 Datasheet HTML 3Page - Vishay Siliconix PTCSC17 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTCSC17
www.vishay.com
Vishay BCcomponents
Revision: 08-Dec-15
1
Document Number: 29017
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC Thermistors,
Mini Chips for Over-Temperature Protection
Note
(1) Max operating temperature range is Tn +15 °C, indicated value
is for Tn = 150 °C.
FEATURES
• Well-defined protection temperature levels
• Fast reaction time (< 6 s in still air)
• Accurate resistance for ease of circuit design
• Excellent long term behavior (< 1 °C or 5 % after
1000 h at Tn +15 °C)
• Wide range of protection temperatures
(70 °C to 170 °C)
• Small size and rugged
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Over-temperature protection and control in:
• Industrial electronics
• Power supplies
• Motor protection
DESCRIPTION
These
directly
heated
thermistors
have
a
positive
temperature coefficient and are primarily intended for
sensing.
MOUNTING
For clamping, reflow or hand soldering. Not intended for
ultrasonic soldering or for spot welding or bonding. All
standard solder alloys with low activated halogen-free
fluxes are acceptable.
PACKAGING
PTC thermistor chips are vacuum packed in 5000 pieces.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance at 25 °C (
R25)
30 to 100
Ω
Nominal working temperature
(Tn)
70 to 150
°C
Tolerance on Tn
± 5
°C
Maximum voltage (AC or DC)
30
V
Operating temperature range (1)
-20 to 165
°C
Dissipation factor
5
mW/K
Storage temperature
-25 to +155
°C
COMPONENT OUTLINES DIMENSIONS
in millimeters
1.7 ± 0.15
0.8 ± 0.1
NOMINAL WORKING TEMPERATURES AND ORDERING INFORMATION
NOMINAL WORKING TEMPERATURE
ORDERING PART
NUMBERS
Tn
(°C)
RESISTANCE from
-20 °C to Tn -20 °C
(Ω)
RESISTANCE
at Tn -5 °C
(Ω)
RESISTANCE
at Tn +5 °C
(kΩ)
Rmin. at Tn +15 °C
(kΩ)
BARE CHIP
1.7 x 1.7
(mm)
70
30 to 250
50 to 570
0.57 to 50
4
PTCSC17T071DBE
80
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T081DBE
90
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T091DBE
100
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T101DBE
110
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T111DBE
120
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T121DBE
130
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T131DBE
140
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T141DBE
150
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T151DBE
155
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T155DBE
160
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T161DBE
170
30 to 250
50 to 550
1.33 to 50
4
PTCSC17T171DBE


Similar Part No. - PTCSC17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
PTC Thermistors, For Temperature Protection
19-Dec-07
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSGM3T071DBE VISHAY-PTCSGM3T071DBE Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSGM3T081DBE VISHAY-PTCSGM3T081DBE Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSGM3T091DBE VISHAY-PTCSGM3T091DBE Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
More results

Similar Description - PTCSC17

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ Datasheet
853Kb / 17P
Over Temperature Protection
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ Datasheet
670Kb / 14P
Over Temperature Protection
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ Datasheet
760Kb / 17P
Over temperature protection
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ Datasheet
826Kb / 14P
Over Temperature Protection
logo
Skyworks Solutions Inc.
AAT1189 SKYWORKS-AAT1189 Datasheet
3Mb / 19P
Over-Temperature Protection
AAT1401 SKYWORKS-AAT1401 Datasheet
2Mb / 19P
Over Temperature Protection
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
04-Dec-15
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
08-Jun-09
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com