Electronic Components Datasheet Search
  English  ▼

X  

CS53L32A Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 21Page - Cirrus Logic CS53L32A Datasheet HTML 22Page - Cirrus Logic CS53L32A Datasheet HTML 23Page - Cirrus Logic CS53L32A Datasheet HTML 24Page - Cirrus Logic CS53L32A Datasheet HTML 25Page - Cirrus Logic CS53L32A Datasheet HTML 26Page - Cirrus Logic CS53L32A Datasheet HTML 27Page - Cirrus Logic CS53L32A Datasheet HTML 28Page - Cirrus Logic CS53L32A Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
CS53L32A
DS513F1
25
4.14
VOLUME CONTROL
Left Channel Volume Control Register (address 04h)
Right Channel Volume Control Register (address 05h)
Access:
R/W in Two Wire Mode and write only in SPI.
Default:
0 - 0 dB (No attenuation)
Function:
The Volume Control allows the user to alter the signal level in 1 dB increments from +12 to -96 dB, when
the INDVC bit is disabled. When INDVC is enabled, the Volume Control can be altered in 1 dB increments
from 0 to -96 dB. Volume settings are decoded as shown in Table 13, using a 2’s complement code. The
volume changes are implemented as dictated by the Soft and Zero Cross bits in the Analog I/O Control
register. All volume settings less than -96 dB are equivalent to muting the channel.
76543
210
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
Binary Code
Decimal Value
Volume Setting
00001010
12
+12 dB
00000111
7
+7 dB
00000000
0
0 dB
11000100
-60
-60 dB
10100110
-90
-90 dB
Table 13. Example Volume Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com