Electronic Components Datasheet Search
  English  ▼

X  

PTC305C12 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PTC305C12
Description  Thermistors Motor Start Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTC305C12 Datasheet(HTML) 5 Page - Vishay Siliconix

  PTC305C12 Datasheet HTML 1Page - Vishay Siliconix PTC305C12 Datasheet HTML 2Page - Vishay Siliconix PTC305C12 Datasheet HTML 3Page - Vishay Siliconix PTC305C12 Datasheet HTML 4Page - Vishay Siliconix PTC305C12 Datasheet HTML 5Page - Vishay Siliconix PTC305C12 Datasheet HTML 6Page - Vishay Siliconix PTC305C12 Datasheet HTML 7Page - Vishay Siliconix PTC305C12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PTC305C Series
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
5
Document Number: 23086
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC SELECTION
• Choosing the best PTC for an application is a simple
matter. See Table 4 and Table 2. Vishay Cera-Mite PTCs
are available in three case sizes (A, B, and C)
• Table 4 indicates the correct case size for the application.
Table 2 shows how to choose the correct resistance value
• Using a device too small or resistance too high will give
inadequate starting performance. An oversize device will
not harm the motor, but may not be optimum with regards
to acceleration dynamics, or power dissipation
• The PTC is generally self protecting when applied within
the voltage and current ratings
• All
PTC305C
Series
starters
and
accessories
are
RoHS compliant
Table 4
Notes
(1) Preferred values.
(2) Part number is stamped on the device for UL recognition. The customer part number can also include 1 or 3 character alpha-numeric suffix
to designate specific customer marking and accessory furnished. The suffix is not marked on the part. Certified outline drawing and
complete part number will be furnished on request for specific applications.(Example: PTC305C19K01.) Mounting brackets and other
accessories are to be ordered separately.
(3) RDYN is nominal resistance equal to U/I when 230 V, 50 Hz/60 Hz is applied (see Fig T-7). This resistance determines current and maximum
starting torque at the moment of application of voltage to the motor and can be measured with an oscilloscope.
For receiving inspection or routine trouble shooting, the DC resistance at 25 °C (R25) as measured with an ohmmeter is approximately 50 %
greater. For example: PTC305C20 measured with an ohmmeter would be 35
 ± 30 % tolerance.
(4) Resistance values are duplicated in several case sizes (i.e.: PTC305C20, C12, and C1) to provide longer switch time (t) and higher current
ratings (see Fig. T-7). Larger parts may be needed for more difficult starting conditions (voltage or temperature) or may be used for
accelerating fans against back pressure.
(5) Maximum current in the PTC is determined by
Motor auxiliary winding impedance is usually small compared to PTC resistance, and does not materially affect PTC current.
Current in PTC is a percentage of the full motor inrush (locked rotor) current; usually 30 % to 50 % (see Fig T-5).
(6) In application, the maximum voltage is the voltage that appears across the run capacitor at rated speed, high line, light load. This is not the
applied line voltage (see Fig T-6).
THESE DEVICES ARE INTENDED FOR APPLICATION ON 240 VOLT LINES OR SYSTEMS WITH MAXIMUM LINE VOLTAGE UP TO
265
V. The PTC305C20, 21 and 22 are also used on 120 V systems where the motor is designed to use same run capacitor and PTC as equivalent
230 V compressor.
(7) This is the power used to keep the PTC switched in a high impedance state under full load running conditions at typical ambient
temperature.
(8) BTU and horsepower ranges are for reference only. PTC may be applied outside those ranges as long as maximum voltage and maximum
current are not exceeded. Scroll and rotary compressors may require less starting assistance allowing use of smaller devices.
PTC MOTOR START SELECTION CHART
VISHAY
CERA-MITE
PART
NUMBER (2)
CASE
STYLE (2)
RESISTANCE (
) (3) SWITCH
TIME (4)
(t) s
AT 230 V
CURRENT
RATING (5)
(ARMS)
MAX. VOLTAGE
RATING (6)
(VRMS)
AVG. POWER
DISSIPATION (7)
(W)
COMPRESSOR
RANGE (8)
RDYN
± 20 %
R25
± 30 %
BTU (000)
HP
PTC305C20 (1)
C
25
35
0.25
10
410
3.5
10 to 28
0.75 to 2.0
PTC305C21
C
35
50
0.35
8
410
3.5
8 to 18
0.5 to 1.5
PTC305C22 (1)
C
50
75
0.50
6
410
3.5
5 to 12
0.25 to 1.0
PTC305C19 (1)
B
20
30
0.50
18
500
7
20 to 50
1.5 to 4.0
PTC305C12 (1)
B
25
40
0.60
15
500
7
18 to 42
1.5 to 3.5
PTC305C2
B
50
85
1.00
12
500
7
10 to 25
1.0 to 2.5
PTC305C9 (1)
A
10
15
0.50
36
500
9
28 to 68
3.0 to 7.0
PTC305C11
A
12.5
20
0.60
30
500
9
28 to 62
3.0 to 6.0
PTC305C1 (1)
A
25
42.5
1.00
24
500
9
14 to 36
1.5 to 3.5
UL File E97640
Maximum Line Voltage
Minimum R
DYN
-------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com