Electronic Components Datasheet Search
  English  ▼

X  

T11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T11
Description  12.5 mm Square Modular Single-Turn Cermet Trimmer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T11 Datasheet(HTML) 2 Page - Vishay Siliconix

  T11_17 Datasheet HTML 1Page - Vishay Siliconix T11_17 Datasheet HTML 2Page - Vishay Siliconix T11_17 Datasheet HTML 3Page - Vishay Siliconix T11_17 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T11
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
2
Document Number: 51021
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 10°
Resistance range
22
 to 4.7 M
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 20 %
On request
± 5 % or ± 10 %
Power rating
Linear
0.5 W at +70 °C
Logarithmic laws, L, F, or S and
ganged elements
0.25 W at +70 °C
Power rating chart
Circuit diagram
Resistance laws
Temperature coefficient (for Rn  100 ) (typical)
± 100 ppm/°C
Limiting element voltage
350 V
Contact resistance variation
2 % Rn or 3
 (linear law)
End resistance (typical)
2
Independent linearity (typical)
± 3 % (linear law)
Middle keying point (C V1M typical)
± 3 %
Insulation resistance
106 M
 (500 V
DC)
Dielectric strength (RMS)
1500 VRMS
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
End stop torque (max. Ncm)
35
Mechanical life
2000 cycles
Terminals
Pure Sn (code e3)
0
20
40
100
125 140
70
60
0.50
0
AMBIENT TEMPERATURE IN °C
80
0.25
0.75
a
(1)
b
(2)
c
(3)
cw
α = β = 15° ± 5°
90 %
50 %
10 %
α
25 %
50 %
75 %
Electrical travel 270
°
Mechanical travel 300°
β
Vs
Ve
%
F
S
AL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com