Electronic Components Datasheet Search
  English  ▼

X  

T18 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T18
Description  3/4 Rectangular Multi-Turn Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T18 Datasheet(HTML) 4 Page - Vishay Siliconix

  T18 Datasheet HTML 1Page - Vishay Siliconix T18 Datasheet HTML 2Page - Vishay Siliconix T18 Datasheet HTML 3Page - Vishay Siliconix T18 Datasheet HTML 4Page - Vishay Siliconix T18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T18
www.vishay.com
Vishay Sfernice
Revision: 24-Sep-15
4
Document Number: 51027
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (Part Number)
Model
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
T18
From
10
 to 5 M
224 = 220 k
K = 10 %
T10 = tube
25 pieces
(If applicable)
Given by Vishay
for custom design
DESCRIPTION (for information only)
T18
220K
± 10 %
TU25
e3
MODEL
VALUE
TOLERANCE
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
8
22
4
K
T
1
1
0
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com