Electronic Components Datasheet Search
  English  ▼

X  

PTC305C1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTC305C1
Description  Thermistors Motor Start Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTC305C1 Datasheet(HTML) 2 Page - Vishay Siliconix

  PTC305C1 Datasheet HTML 1Page - Vishay Siliconix PTC305C1 Datasheet HTML 2Page - Vishay Siliconix PTC305C1 Datasheet HTML 3Page - Vishay Siliconix PTC305C1 Datasheet HTML 4Page - Vishay Siliconix PTC305C1 Datasheet HTML 5Page - Vishay Siliconix PTC305C1 Datasheet HTML 6Page - Vishay Siliconix PTC305C1 Datasheet HTML 7Page - Vishay Siliconix PTC305C1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PTC305C Series
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
2
Document Number: 23086
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ECONOMICAL SOLID STATE TORQUE ASSIST FOR HEAT PUMPS, ROOM AIR, COMMERCIAL AND
RESIDENTIAL AIR CONDITIONING AND REFRIGERATION SYSTEMS
Positive Temperature Coefficient Themistors (PTC) have
been used for many years in millions of HVAC applications
to provide starting torque assistance to Permanent Split
Capacitor (PSC) single phase compressor motors.
Sizes are available to cover the full range of 120 V/240 V
PSC compressor motors.
Safety Agency Recognition
Vishay
Cera-Mite
motor
start
PTC
thermistors
are
recognized by Underwriter Laboratories file E97640 in
accordance with standard for controllers and refrigeration
components UL 873 or UL 60730; and Canadian Standard
C22.2
No.
24.
All
packages
and
accessories
are
RoHS-compliant.
RELATIVE COMPARISON OF VARIOUS MOTOR STARTING METHODS
Three methods have historically been employed to generate
starting torque for PSC motors. All are well-proven
technologies and may be compared relative to one another
based upon categories shown below.
The importance of each category is dependent upon the
motor application and industry sector.
In general, if the PTC starter produces sufficient starting
torque, it is considered the simplest and most economical
choice.
Table 1
SIMPLIFIED PTC STARTING DIAGRAM
Start Sequence
When starting the compressor, contactor (M) closes; the
PTC, which is at low resistance, provides starting current to
the motor’s auxiliary winding. After time delay (t), the current
passing through the PTC causes it to heat and “switch” to a
very high resistance. At this point the motor is up to speed
and the run capacitor (CR) determines the current in the
auxiliary winding. The PTC remains hot and at high
resistance as long as voltage remains on the circuit. When
contactor (M) opens, shutting off voltage to the compressor,
the PTC cools to its initial low resistance and is again ready
to provide torque assist on the next startup.
Restart
It is important to provide time between motor starts to allow
the PTC to cool to near its initial temperature. This time is
usually 3 min to 5 min and is determined by the thermostat
(THERM) or separate time-delay relay (TR). Attempts to
restart in less time may be successful depending on
compressor equalization, line voltage, temperature, and
other conditions. If the motor were to stall in a locked-rotor
state, overload device (PD or TS) would open the line and a
further time delay would occur until the motor overload is
reset. Motor start PTCs are applied to compressors having
means to equalize pressure during shutdown.
TYPICAL PTC CHARACTERISTICS
AS A MOTOR START DEVICE
STARTING
METHOD
MECHANICAL
ELECTRICAL
FINANCIAL
EASE
OF
WIRING
PANEL
SPACE
REQUIRED
SENSITIVE
TO
MOUNTING
DIRECTION
ACCELERATION
TORQUE
PRODUCED
ACCELERATION
(SWITCH)
TIME
RESET
TIME
REQUIRED
EMI/RFI
GENERATED
TECHNOLOGY
INVENTORY
MIX
REQUIRED
RELIABILITY
PURCHASED
COST
PTC starter
Simple
2 wire
Lowest
No
Lowest
Fixed
3 min to
5 min
No
Solid State
Lowest
Highest
Lowest
Start cap
with PTC
acting as a
current relay
Moderate
2 wire or
3 wire
Medium
Yes
Medium
Fixed
2 min to
5 min
No
Solid State
Medium
Medium
Medium
Start cap
used with
potential or
current relay
Difficult
4 wire or
5 wire
Highest
Yes
Highest
Variable
based on
motor speed
None
Yes
Electro
Mechanical
Highest
Lowest
Highest
Fig T-2
M
Low Voltage Control Transformers Not Shown
Protective
Device
Optional OFF
Time Delay
Relay
Protective
Device
AC Line
120 or 240
VOLTS AC
THERM
Internal
Motor
Winding
Overtemp
Switch
MAIN
PSC
MOTOR
AUX.
PTC
TS
TR
TR
PD
M
M
M
L
1
L
2
C
R
Fig T-3
RESISTANCE
CURRENT
Switch Time (t)
0.01
50
100
150
1000
10 000
10
100
PTC Temperature °C
0.1
1.0
10.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com