Electronic Components Datasheet Search
  English  ▼

X  

T73 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T73
Description  1/4 Square Single-Turn Cermet Sealed Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T73 Datasheet(HTML) 4 Page - Vishay Siliconix

  T73_17 Datasheet HTML 1Page - Vishay Siliconix T73_17 Datasheet HTML 2Page - Vishay Siliconix T73_17 Datasheet HTML 3Page - Vishay Siliconix T73_17 Datasheet HTML 4Page - Vishay Siliconix T73_17 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T73
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-15
4
Document Number: 51016
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
T73
XF
XH
XW
XX
YB
YE
YM
YP
YU
From
10
 to 2.2 M
103 = 10 k
K = 10 %
on request J = 5 %
T20 = tube
50 pieces
On request:
R15 = reel 1000
pieces for style XW
R32 = reel 750 for
style YU
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
T73
YP
500K
10 %
TU
e3
MODEL
STYLE
VALUE
TOLERANCE
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
P5
0
4
K
T
2
3
T
Y
7
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com