Electronic Components Datasheet Search
  English  ▼

X  

CX28333 Datasheet(PDF) 19 Page - Synaptics Incorporated.

Part # CX28333
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28333 Datasheet(HTML) 19 Page - Synaptics Incorporated.

Back Button CX28333 Datasheet HTML 15Page - Synaptics Incorporated. CX28333 Datasheet HTML 16Page - Synaptics Incorporated. CX28333 Datasheet HTML 17Page - Synaptics Incorporated. CX28333 Datasheet HTML 18Page - Synaptics Incorporated. CX28333 Datasheet HTML 19Page - Synaptics Incorporated. CX28333 Datasheet HTML 20Page - Synaptics Incorporated. CX28333 Datasheet HTML 21Page - Synaptics Incorporated. CX28333 Datasheet HTML 22Page - Synaptics Incorporated. CX28333 Datasheet HTML 23Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-9
46
——
REQH
Ch1 Receive High EQ
Gain Enable
I
The equalizer in the CX2833i has
two gain settings. The higher gain
setting is designed to optimally
equalize a nominally-shaped (meets
the pulse template), pulse-driven
DS3 or STS-1 waveform that is
driven through 0–900 feet of cable.
Square-shaped pulses such as E3
or DS3-HIGH require less
high-frequency gain and should use
the low EQ gain setting.
REQH = 1 high EQ gain
(DS3/STS-1 modes)
REQH = 0 low EQ gain (E3/DS3
Square Modes)
—
70
70
REQH1
—
31
46
REQH2
Ch2 Receive High EQ
Gain Enable
——
31
REQH3
Ch3 Receive High EQ
Gain Enable
I
Power/Ground
12
——
TVDD
TX power Ch1
P
Power pins for transmit circuitry
per channel (3.3 V).
—
4
4
TVDD1
—
20
12
TVDD2
TX power Ch2
P
——
20
TVDD3
TX power Ch3
P
9
——
TVSS
TX ground Ch1
P
Ground pins for transmit circuitry
per channel.
—
1
1
TVSS1
—
17
9
TVSS2
TX ground Ch2
P
——
17
TVSS3
TX ground Ch3
P
13
——
RVDD
RX power Ch1
P
Power pins for receive circuitry per
channel (3.3 V).
Connect to 3.3 V power.
—
5
5
RVDD1
—
21
13
RVDD2
RX power Ch2
P
——
21
RVDD3
RX power Ch3
P
16
——
RVSS
RX ground Ch1
P
Ground pins for receive circuitry
per channel.
Connect to ground.
—
8
8
RVSS1
—
24
16
RVSS2
RX ground Ch2
P
——
24
RVSS3
RX ground Ch3
P
60
60
60
DVDDC
Digital core power
P
Digital core power for all channels
(3.3 V).
41
41
41
DVSSC
Digital core ground
P
Digital core ground for all channels.
79
79
79
VGG
5 V/3.3 V ESD pin (1)
P
5 V supply for 5 V-tolerant, digital
pad ESD diodes. No static power is
drawn from pin.
73
73
73
DVDDIO
Digital I/O power
P
Connect to 3.3 V digital power.
28
28
28
DVSSIO
Digital ground
P
Digital ground.
Table 1-1. CX2833i-1x Pin Definitions (5 of 6)
Pin #
Signal Name
Description
I/O/P
Notes
CX28331-1x CX28332-1x CX28333-1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com