Electronic Components Datasheet Search
  English  ▼

X  

TS6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TS6
Description  Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS6 Datasheet(HTML) 1 Page - Vishay Siliconix

  TS6 Datasheet HTML 1Page - Vishay Siliconix TS6 Datasheet HTML 2Page - Vishay Siliconix TS6 Datasheet HTML 3Page - Vishay Siliconix TS6 Datasheet HTML 4Page - Vishay Siliconix TS6 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS6
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
1
Document Number: 51010
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers,
Fully Sealed
Three variations are available according to the positioning of
the control screw and contact positions.
The TS6 multi-turn trimmer has been designed for use in
PCB surface mounting applications.
The cermet track gives a high stability performance with an
extended ohmic capacity of 10
 to 2 M.
FEATURES
• 0.25 W at 70 °C
• Military and professional grade
• Multi-turn operation
• A low contact resistance variation (down to 2 % Rn)
• Low end contact resistance (1
 typical)
• Full sealing
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
TS6X
RECOMMENDED
SOLDERING AREAS
TS6Z
TS6Y
b
c
Slot 0.5 x 0.5
0.25
5.8 ± 0.10
Ø 1.8
0.7
6.85 max.
6.85 max.
0.20
2.54
2.54
5 max.
1 ± 0.10
6.7 max.
1
2.54
2.54
7.5
c
b
a
3
Ø 1.8
1.3 ± 0.1
7.6 max.
2.54
2.54
Ø 0.45
6.85 max.
0.25
Slot 0.5 x 0.5
6.85 max.
5 max.
1 ± 0.1
8.85 max.
5.3 max.
3
b
c
a
9.3
2.54
2.54
1
c
b
1 ± 0.10
a
6.85 max.
0.3
Ø 1.8
8 max.
Slot 0.5 x 0.5
2.54
2.54
5 max.
6.7 max.
2.54
2.54
1
7.5
c
b
a
3


Similar Part No. - TS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
26-Jun-07
logo
STATEK CORPORATION
TS6 STATEK-TS6 Datasheet
196Kb / 2P
Miniature Quartz Temperature Sensor
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
TS600 MACOM-TS600 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
More results

Similar Description - TS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
26-Jun-07
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
logo
TOCOSAMERICA, INC.
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
TS63Y503KR10 VISHAY-TS63Y503KR10 Datasheet
106Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
08-Feb-10
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_17 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
TS63 VISHAY-TS63_V01 Datasheet
111Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
17-Oct-2018
TS6 VISHAY-TS6_V01 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com