Electronic Components Datasheet Search
  English  ▼

X  

S15KYD2 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # S15KYD2
Description  Standard Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S15KYD2 Datasheet(HTML) 2 Page - Diotec Semiconductor

  S15KYD2 Datasheet HTML 1Page - Diotec Semiconductor S15KYD2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S15AYD2 ... S15MYD2
Characteristics
Kennwerte
Type
Typ
Forward voltage
Durchlass-Spannung
Forward voltage
Durchlass-Spannung
VF [V] @ IF [A] @ Tj
VF [V] @ IF [A] @ Tj
S15AYD2 ... S15MYD2
< 1.0
5
25°C
< 1.3
15
25°C
Leakage current
Sperrstrom
Tj = 25°C
Tj = 125°C
VR = VRRM
IR
< 10 µA
< 100 µA
Typical junction capacitance
Typische Sperrschichtkapazität
VR = 4 V
Cj
typ. 120 pF
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 2.1 K/W 1)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Measured at heat flange – Gemessen an der Kühlfahne
2
http://www.diotec.com/
© Diotec Semiconductor AG
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
200a-(5a-0.95v)
Rated forward current vs. temp. of the case
in Abh. v. d. Gehäusetemperatur
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
C
150
100
50
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com