Electronic Components Datasheet Search
  English  ▼

X  

TFPT0402 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFPT0402
Description  SMD PTC - Nickel Thin Film Linear Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT0402 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFPT0402 Datasheet HTML 1Page - Vishay Siliconix TFPT0402 Datasheet HTML 2Page - Vishay Siliconix TFPT0402 Datasheet HTML 3Page - Vishay Siliconix TFPT0402 Datasheet HTML 4Page - Vishay Siliconix TFPT0402 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TFPT
www.vishay.com
Vishay
Revision: 30-Aug-16
2
Document Number: 33017
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
CONSTRUCTION
Note
• Zero power is considered as measuring power max. 1 % of rated power P70.
Notes
(1) Environmental performance specifications use test procedures as outlined in MIL-R23648D, MIL-STD 202 and AEC-Q200.
(2) TFPTs are ESD sensitive.
PART
NUMBER
AB
C
D
E
TFPT 0603
1.55
± 0.10
0.80
± 0.10
0.45
± 0.10
0.30
± 0.20
0.30
± 0.20
TFPT 0805
2.00
± 0.15
1.25
± 0.15
0.45
± 0.10
0.40
± 0.20
0.40
± 0.20
TFPT 1206
3.05
± 0.15
1.50
± 0.15
0.55
± 0.10
0.50
± 0.25
0.50
± 0.25
A
B
D
C
E
Thermistor
Alumina substrate
Inner electrode
Nickel barrier
Solderable coating
Overcoating
TESTS AND REQUIREMENTS
TEST
CONDITIONS (1)
REQUIREMENTS
MAX |
R
25/R25|
High temperature exposure (storage)
AEC-Q200, 1000 h at 150 °C
0.25 %
Temperature cycling
AEC-Q200, 1000 cycles -55 °C / +125 °C
0.25 %
Biased humidity
1000 h, 1 mA biased at 85 °C / 85 % RH
0.25 %
1000 h, 1 mA biased at 40 °C / 95 % RH
0.25 %
Operational life
1000 h, P70 max biased at 85 °C
0.25 %
Mechanical shock and vibration
MIL-STD 202, method 213 - 204
0.50 %
Resistance to soldering heat
MIL-STD 202, method 210, solderbath dipping 10 s at 260°C
0.25 %
ESD (2)
AEC-Q200-002, HBM (CD) 0.5 kV (0603), 1.0 kV (0805), 1.0 kV (1206)
0.25 %
Board flex
AEC-Q200-005, 2 mm during 60 s
0.25 %
Terminal strength
AEC-Q200-006, shear test 17.7 N during 60 s
0.25 %
- 75
- 50
- 25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
100
90
110
Temperature in °C
Power Derating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com