Electronic Components Datasheet Search
  English  ▼

X  

TL103WAIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAIDR
Description  DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL103WAIDR Datasheet(HTML) 5 Page - Texas Instruments

  TL103WAIDR Datasheet HTML 1Page - Texas Instruments TL103WAIDR Datasheet HTML 2Page - Texas Instruments TL103WAIDR Datasheet HTML 3Page - Texas Instruments TL103WAIDR Datasheet HTML 4Page - Texas Instruments TL103WAIDR Datasheet HTML 5Page - Texas Instruments TL103WAIDR Datasheet HTML 6Page - Texas Instruments TL103WAIDR Datasheet HTML 7Page - Texas Instruments TL103WAIDR Datasheet HTML 8Page - Texas Instruments TL103WAIDR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL103W, TL103WA
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
SLOS437G − APRIL 2004 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
OPAMP2, independent operational amplifier
electrical characteristics, VCC+ = 5 V, VCC = GND, VO = 1.4 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
TL103W
Vicm = 0 V
25
°C
1
4
VIO
Input offset voltage
TL103W
Vicm = 0 V
Full range
5
mV
VIO
Input offset voltage
TL103WA
Vicm = 0 V
25
°C
0.5
3
mV
TL103WA
Vicm = 0 V
Full range
5
∝VIO
Input offset voltage drift
25
°C
7
mV/°C
IIO
Input offset current
25
°C
2
75
nA
IIO
Input offset current
Full range
150
nA
IIB
Input bias current
25
°C
20
150
nA
IIB
Input bias current
Full range
200
nA
AVD
Large-signal voltage gain
VCC+ = 15 V, RL = 2 kW,
25
°C
50
100
V/mV
AVD
Large-signal voltage gain
VCC+ = 15 V, RL = 2 kW,
VO = 1.4 V to 11.4 V
Full range
25
V/mV
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V
25
°C
65
100
dB
VICR
Input common-mode voltage range
VCC+ = 30 V (see Note 4)
25
°C
0
(VCC+) − 1.5
V
VICR
Input common-mode voltage range
VCC+ = 30 V (see Note 4)
Full range
0
(VCC+) − 2
V
CMRR
Common-mode rejection ratio
25
°C
70
85
dB
CMRR
Common-mode rejection ratio
Full range
60
dB
Isource
Output source current
VCC+ = 15 V, VO = 2 V,
Vid = 1 V
25
°C
20
40
mA
ISC
Short circuit to GND
VCC+ = 15 V
25
°C
40
60
mA
Isink
Output sink current
VCC+ = 15 V, VO = 2 V,
Vid = −1 V
25
°C
10
12
mA
Isink
Output sink current
VCC+ = 15 V, VO = 0.2 V,
Vid = −1 V
25
°C
12
50
mA
VCC = 30 V, RL = 2 kW
25
°C
26
27
VOH
High-level output voltage
VCC+ = 30 V, RL = 2 kW
Full range
26
V
VOH
High-level output voltage
VCC = 30 V, RL = 10 kW
25
°C
27
28
V
VCC+ = 30 V, RL = 10 kW
Full range
27
VOL
Low-level output voltage
RL = 10 kW
25
°C
5
20
mV
VOL
Low-level output voltage
RL = 10 kW
Full range
20
mV
SR
Slew rate at unity gain
VCC+ = 15 V,
CL = 100 pF, RL = 2 kW,
VI = 0.5 V to 3 V, unity gain
25
°C
0.2
0.4
V/
ms
GBW
Gain bandwidth product
VCC+ = 30 V, VI = 10 mV,
CL = 100 pF, RL = 2 kW,
f = 100 kHz,
25
°C
0.5
0.9
MHz
THD
Total harmonic distortion
VCC+ = 30 V, VO = 2 Vpp,
CL = 100 pF, RL = 2 kW,
f = 1 kHz, Av = 20 dB
25
°C
0.02
%
Vn
Equivalent input noise voltage
VCC = 30 V, RS = 100 W,
f = 1 kHz
50
nV/
√Hz
NOTE 4: The input common-mode voltage of either input should not be allowed to go below −0.3 V. The upper end of the common-mode voltage
range is (VCC+) − 1.5 V, but either input can go to (VCC+) + 0.3 V (but ≤36 V) without damage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com