Electronic Components Datasheet Search
  English  ▼

X  

DMF-50174 Datasheet(PDF) 3 Page - OPTREX CORPORATION

Part # DMF-50174
Description  LCD Module Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF-50174 Datasheet(HTML) 3 Page - OPTREX CORPORATION

  DMF-50174 Datasheet HTML 1Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 2Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 3Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 4Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 5Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 6Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 7Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 8Page - OPTREX CORPORATION DMF-50174 Datasheet HTML 9Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DMF-50174ZNB-FW
(AT)
No.2000-0166
OPTREX CORPORATION
Page 3/18
OPTREX
2.Electrical Specif ications
2.1.Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
(Logic)
VCC-VSS
-
-0.3
7.0
V
Supply Voltage
(LCD Drive)
VCC-VEE
-
0
35.0
V
Input Voltage
VI
-
-0.3
VCC+0.3
V
2.2.DC Characteristics
Ta=25℃, VSS=0V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
(Logic)
VCC-VSS
-
4.5
-
5.5
V
Supply Voltage
VCC-VEE
-
27.1
-
32.0
V
(LCD Drive)
VCC-VADJ
Shown in 3.1
V
High Level
Input Voltage
VIH
VCC=5.0V±10%
0.8×VCC
-
VCC
V
Low Level
Input Voltage
VIL
VCC=5.0V±10%
0
-
0.2×VCC
V
Supply Current
ICC
VCC-VSS=5.0V
-
6.0
15.0
mA
IEE
VCC-VADJ=23.3V
-
5.5
10.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com