Electronic Components Datasheet Search
  English  ▼

X  

DS1640 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1640
Description  Personal Computer Power FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1640 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1640 Datasheet HTML 1Page - Dallas Semiconductor DS1640 Datasheet HTML 2Page - Dallas Semiconductor DS1640 Datasheet HTML 3Page - Dallas Semiconductor DS1640 Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS1640/DS1640C
2 of 4
OPERATION
With +3 Û +5 volts applied between the VCC pin and ground, any one of four inputs can be connected or
disconnected from its respective output based on the bias applied to the control gate (see Figure 1). A set
of four internal latches is controlled by the latch input. The logic levels passed to the FET gates are
controlled by the gate inputs and latch pin status. When the latch pin is logic 0, the gate input levels are
inverted and passed directly to the control gates, enabling the switches to be switched both independently
and asynchronously. With a transition from logic 0 to logic 1 on the latch pin, the input levels present on
the gate inputs are locked by the four internal latches, maintaining the corresponding FET gates at those
levels. As long as the latch input is maintained at logic 1, the FET gate levels are maintained. When the
latch input is returned to logic 0, the gate inputs again are inverted and passed to the FET control gates
without being latched. A TTL or CMOS logic 1 turns a switch completely on and TTL or CMOS logic 0
turns a switch completely off. The four switches can be operated independently or two or more can be
connected in parallel for added current carrying capability. The four switches contained within the
DS1640 are not designed to be operated in a linear manner. When VCC is not applied to the DS1640 or if
VCC is not within nominal limits, the output levels and current carrying capability of the four switches are
not guaranteed. When all four gate inputs are off (logic 0) the device enters a low VCC current standby
mode because the onboard charge pump is turned off. The gate and latch inputs are CMOS-compatible
throughout the entire VCC range and are TTL-compatible when VCC falls between 4.5 and 5.5V.
DS1640 BLOCK DIAGRAM Figure 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com