Electronic Components Datasheet Search
  English  ▼

X  

DDA114TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA114TH
Description  PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA114TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA114TH Datasheet HTML 1Page - Diodes Incorporated DDA114TH Datasheet HTML 2Page - Diodes Incorporated DDA114TH Datasheet HTML 3Page - Diodes Incorporated DDA114TH Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30420 Rev. 1 - 2
1 of 4
DDA (xxxx) H
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available
(DDC)
·
Built-In Biasing Resistors
·
Lead-Free Device
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
DDA143TH
DDA114TH
VIN
+10 to -40
+10 to -40
+10 to -30
+6 to -40
+5 to -12
+10 to -40
+5 Vmax
+5 Vmax
V
Output Current
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
DDA143TH
DDA114TH
IO
-30
-30
-100
-70
-100
-50
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 3)
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
L
B C
H
K
G
D
PXXYM
Mechanical Data
·
Case: SOT-563, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Finish - Matte Tin Solderable
per MIL-STD-202, Method 208 (Note 2)
·
Terminal Connections: See Diagram
·
Weight: 0.005 grams (approx.)
P/N
R1
R2
MARKING
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
DDA143TH
DDA114TH
22K
W
47K
W
4.7K
W
10K
W
2.2K
W
10K
W
4.7K
W
10K
W
22K
W
47K
W
4.7K
W
47K
W
47K
W
10K
W
-
-
P17
P20
P08
P14
P06
P13
P07
P12
R1
R1
R2
R2
R1
R1
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
DDA (xxxx) H
PNP PRE-BIASED SMALL SIGNAL SOT-563
DUAL SURFACE MOUNT TRANSISTOR
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
SEE NOTE 1
Note:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).
2. If lead-bearing terminal plating is required, please contact your Diodes Inc. sales representative for availability
and minimum order details.
3. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
SPICE MODELS: DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH


Similar Part No. - DDA114TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA114TH DIODES-DDA114TH Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA114TH DIODES-DDA114TH Datasheet
282Kb / 6P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2 June 2016
DDA114TH-7 DIODES-DDA114TH-7 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA114TH-7 DIODES-DDA114TH-7 Datasheet
282Kb / 6P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2 June 2016
More results

Similar Description - DDA114TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113TCA DIODES-DDTA113TCA Datasheet
66Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDC124EH DIODES-DDC124EH Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDC124EH DIODES-DDC124EH_1 Datasheet
88Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DDA122LH DIODES-DDA122LH Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
DDC122LH DIODES-DDC122LH_1 Datasheet
76Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com