Electronic Components Datasheet Search
  English  ▼

X  

DP83815DUJB Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83815DUJB
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815DUJB Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83815DUJB Datasheet HTML 9Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 10Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 11Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 12Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 13Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 14Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 15Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 16Page - National Semiconductor (TI) DP83815DUJB Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
13
www.national.com
3.0 Functional Description
DP83815
consists
of
a
MAC/BIU
(Media
Access
Controller/Bus Interface Unit), a physical layer interface,
SRAM, and miscellaneous support logic. The MAC/BIU
includes the PCI bus, BIOS ROM and EEPROM interfaces,
and an 802.3 MAC. The physical layer interface used is a
single-port version of the 3.3V DsPhyter. Internal memory
consists of one - 0.5 KB and two - 2 KB SRAM blocks.
Figure 3-1 DP83815 Functional Block Diagram
MAC/BIU
Interface
SRAM
25 MHz Clk
MII RX
MII TX
MII Mgt
BIOS ROM Cntl
BIOS ROM Data
PCI AD
PCI CNTL
PCI CLK
3V DSP Physical Layer
Logic
RX-2 KB
SRAM
TX-2 KB
TPRDP/M
EEPROM/LEDs
TPTDP/M
DP83815
RAM
BIST
Logic
SRAM
RXFilter
.5 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com