Electronic Components Datasheet Search
  English  ▼

X  

QCS-152 Datasheet(PDF) 3 Page - Mini-Circuits

Part # QCS-152
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-152 Datasheet(HTML) 3 Page - Mini-Circuits

  QCS-152 Datasheet HTML 1Page - Mini-Circuits QCS-152 Datasheet HTML 2Page - Mini-Circuits QCS-152 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
QCS-152+
TOTAL LOSS
1.0
2.0
3.0
4.0
5.0
6.0
800 900 1000 1100 1200 1300 1400 1500 1600
FREQUENCY (MHz)
S-1
S-2
Typical Performance Data
QCS-152+
ISOLATION
0
10
20
30
40
50
800 900 1000 1100 1200 1300 1400 1500 1600
FREQUENCY (MHz)
QCS-152+
PHASE UNBALANCE
80
85
90
95
100
800 900 1000 1100 1200 1300 1400 1500 1600
FREQUENCY (MHz)
QCS-152+
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
1. Total Loss = Insertion Loss + 3dB splitter loss.
820.00
4.07
3.01
1.06
17.36
85.86
1.32
1.34
1.40
860.00
3.93
3.12
0.81
17.57
85.98
1.31
1.32
1.39
900.00
3.80
3.22
0.58
17.81
86.14
1.29
1.31
1.37
960.00
3.64
3.36
0.28
18.18
86.32
1.26
1.30
1.36
1000.00
3.55
3.43
0.11
18.45
86.50
1.24
1.29
1.34
1060.00
3.44
3.53
0.09
18.87
86.69
1.22
1.28
1.33
1100.00
3.39
3.58
0.19
19.16
86.85
1.20
1.27
1.32
1160.00
3.34
3.64
0.30
19.60
87.04
1.18
1.27
1.30
1200.00
3.32
3.66
0.35
19.91
87.20
1.17
1.27
1.29
1260.00
3.32
3.68
0.36
20.32
87.44
1.15
1.27
1.28
1300.00
3.34
3.67
0.33
20.64
87.62
1.14
1.28
1.28
1360.00
3.40
3.63
0.23
21.03
87.89
1.12
1.29
1.27
1400.00
3.47
3.59
0.13
21.32
88.11
1.12
1.30
1.28
1500.00
3.73
3.43
0.30
21.94
88.81
1.11
1.32
1.29
1600.00
4.17
3.17
0.99
22.61
89.81
1.12
1.36
1.34



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com