Electronic Components Datasheet Search
  English  ▼

X  

DS3698 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3698
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3698 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3698 Datasheet HTML 1Page - National Semiconductor (TI) DS3698 Datasheet HTML 2Page - National Semiconductor (TI) DS3698 Datasheet HTML 3Page - National Semiconductor (TI) DS3698 Datasheet HTML 4Page - National Semiconductor (TI) DS3698 Datasheet HTML 5Page - National Semiconductor (TI) DS3698 Datasheet HTML 6Page - National Semiconductor (TI) DS3698 Datasheet HTML 7Page - National Semiconductor (TI) DS3698 Datasheet HTML 8Page - National Semiconductor (TI) DS3698 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC
7V
Control Input Voltages
7V
Driver Input Voltage
7V
Driver Output Voltages
a
15V b10V
Receiver Input Voltages
(DS3695 DS3696)
a
15V b10V
Receiver Common Mode Voltage
(DS3697 DS3698)
g
25V
Receiver Output Voltage
55V
Continuous Power Dissipation
25 C
N Package
107W (Note 4)
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage VCC
475
525
V
Bus Voltage
b
7
a
12
V
Operating Free Air Temp (TA)
Commercial
0
a
70
C
Industrial
b
40
a
85
C
Electrical Characteristics 0 C s TA s a70 C 475V k VCC k 525V unless otherwise specified (Notes23)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOD1
Differential Driver Output
IO e 0
5V
Voltage (Unloaded)
VOD2
Differential Driver Output
(Figure 1)
R e 50X (RS-422) (Note 5)
2
V
Voltage (with Load)
R e 27X (RS-485)
15
V
D
VOD
Change in Magnitude of Driver
Differential Output Voltage for
02
V
Complementary Output States
VOC
Driver Common Mode Output Voltage
(Figure 1)
R e 27X
30
V
D
lVOCl Change in Magnitude of Driver
Common Mode Output Voltage
02
V
for Complementary Output States
VIH
Input High Voltage
2V
VIL
Input Low Voltage
DI DE
08
V
VCL
Input Clamp Voltage
RE E RE DE
IIN eb18 mA
b
15
V
IIL
Input Low Current
VIL e 04V
b
200
m
A
IIH
Input High Current
VIH e 24V
20
m
A
IIN
Input Current
DORI DO RI
VCC e 0V or 525V
VIN e 12V
a
10
mA
RI RI
RE DE or DE e 0V
VIN eb7V
b
08
mA
IOZD
TRI-STATE Current
DO DO
VCC e 0V or 525V E e 0V
g
100
m
A
DS3697
DS3698
b
7V k VO k a12V
VTH
Differential Input Threshold
b
7V s VCM s a12V
b
02
a
02
V
Voltage for Receiver
D
VTH
Receiver Input Hysteresis
VCM e 0V
70
mV
VOH
Receiver Output High Voltage
IOH eb400 mA
24
V
VOL
Output Low Voltage
RO
IOL e 16 mA (Note 5)
05
V
TS
IOL e 8 mA
045
V
IOZR
OFF-State (High Impedance)
VCC e Max
g
20
m
A
Output Current at Receiver
04V s VO s 24V
RIN
Receiver Input Resistance
b
7V s VCM s a12V
12
kX
ICC
Supply Current
No Load
Driver Outputs Enabled
42
60
mA
(Note 5)
Driver Outputs Disabled
27
40
mA
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com