Electronic Components Datasheet Search
  English  ▼

X  

QCS-442 Datasheet(PDF) 3 Page - Mini-Circuits

Part # QCS-442
Description  2 Way-90째 Power Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCS-442 Datasheet(HTML) 3 Page - Mini-Circuits

  QCS-442 Datasheet HTML 1Page - Mini-Circuits QCS-442 Datasheet HTML 2Page - Mini-Circuits QCS-442 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
QCS-442+
TOTAL LOSS
1.0
2.0
3.0
4.0
5.0
6.0
2800 3000 3200 3400 3600 3800 4000 4200 4400
FREQUENCY (MHz)
S-1
S-2
Typical Performance Data
QCS-442+
ISOLATION
0
10
20
30
40
50
2800 3000 3200 3400 3600 3800 4000 4200 4400
FREQUENCY (MHz)
QCS-442+
PHASE UNBALANCE
85
86
87
88
89
90
2800 3000 3200 3400 3600 3800 4000 4200 4400
FREQUENCY (MHz)
QCS-442+
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
2800.00
3.53
3.43
0.33
26.98
86.65
1.23
1.06
1.30
3350.00
3.16
3.77
0.61
28.91
86.46
1.16
1.19
1.18
3450.00
3.15
3.79
0.64
26.74
86.55
1.16
1.20
1.16
3700.00
3.21
3.81
0.60
23.85
86.89
1.19
1.21
1.12
3800.00
3.25
3.80
0.54
23.23
87.02
1.20
1.21
1.11
3875.00
3.30
3.78
0.49
22.70
87.13
1.21
1.20
1.10
3900.00
3.32
3.78
0.46
22.71
87.14
1.21
1.20
1.10
3950.00
3.34
3.76
0.41
22.90
87.21
1.20
1.19
1.09
4000.00
3.38
3.74
0.36
22.74
87.20
1.21
1.19
1.09
4100.00
3.46
3.69
0.23
22.77
87.26
1.21
1.18
1.08
4200.00
3.54
3.62
0.08
22.96
87.31
1.20
1.17
1.06
4275.00
3.61
3.56
0.05
22.94
87.34
1.20
1.17
1.05
4300.00
3.64
3.54
0.10
23.07
87.37
1.19
1.16
1.05
4350.00
3.69
3.50
0.20
22.97
87.38
1.20
1.16
1.04
4400.00
3.75
3.45
0.30
23.15
87.45
1.18
1.16
1.04
1. Total Loss = Insertion Loss + 3dB splitter loss.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com