Electronic Components Datasheet Search
  English  ▼

X  

DS9490B Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS9490B
Description  USB to 1-Wire/iButton Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9490B Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS9490B Datasheet HTML 1Page - Dallas Semiconductor DS9490B Datasheet HTML 2Page - Dallas Semiconductor DS9490B Datasheet HTML 3Page - Dallas Semiconductor DS9490B Datasheet HTML 4Page - Dallas Semiconductor DS9490B Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS9490
5 of 5
ELECTRICAL CHARACTERISTICS
PARAMETER
SPECIFICATION
USB I/F
As defined in Chapter 7 of the USB Specification*
1-Wire I/F
See the DS2490 data sheet**
The DS9490R and DS9490B consume 58mA in USB active mode and 0.5mA in suspend mode*. The
DS9490R has the VBUS power and ground available on the RJ11 connector. In active mode the current
available to an externally powered fixture is 42mA* (100mA to 58mA); however it is recommended that
no more than 25mA be used. Note that in suspend mode there is zero current available to an external
circuit. An external circuit cannot detect when the module is in suspend or active mode. Consequently,
when in suspend mode, the DS9490R module with external circuit combination is in violation of the USB
power specification. Application developers should be aware of this when using this module in
conjunction with an externally powered circuit on power restricted platforms such as laptops.
*Guaranteed by design, not production tested.
**Tested at DS2490 component level.
Figure 8. FUNCTIONAL DIAGRAM
EMI Filter
VBUS
D-
D+
GND
VIN
VOUT
EN
N/C
GND
LP2980IM5-3.3
PMOD
VD
NC
NC
NC
NC
NC
NC
VB
X1
SUSO
X0
D-
NC
D+
VPP
NC
NC
OW
NC
NC
NC
GND
NC
DS2490
C2
1.0uF
EMI Filter
C3
4.7
R2 24
R3 24
R1
1.5K
C1
0.1uF
OW
GND
DS2401
OW
GND
DS9503
USB
Connector
C6
33pF
C5
33pF
X1
12Mhz
L1
L2
C7
33pF
C8
33pF
U1
U2
U3
U4
J2
1
2
1
2
J1
1
2
3
4
1
3
4
5
2
1
5
7
8
12
24
19
20
17
10
1
2
3
4
5
6
Female RJ11
DS9490R
DS9490B
1
2
iButton Socket
J3
6
5
3
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com