Electronic Components Datasheet Search
  English  ▼

X  

DS9490R Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS9490R
Description  USB to 1-Wire/iButton Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9490R Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS9490R Datasheet HTML 1Page - Dallas Semiconductor DS9490R Datasheet HTML 2Page - Dallas Semiconductor DS9490R Datasheet HTML 3Page - Dallas Semiconductor DS9490R Datasheet HTML 4Page - Dallas Semiconductor DS9490R Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS9490
3 of 5
PIN CONFIGURATION
Figure 4. 1-WIRE RJ11 SOCKET FOR DS9490R
PIN
SIGNAL
NAME
DESCRIPTION
1
VDD
5VDC Output
2
GND
Power Ground
3
OW
1-Wire Data
4
GND_OW
1-Wire Return
5, 6
N.C.
No Connection
6
N.C.
No Connection
Figure 5. iBUTTON SOCKET FOR DS9490B
PIN
SIGNAL
NAME
DESCRIPTION
1
OW
1-Wire Data
2
GND_OW
1-Wire Return
1
2
*
*Note: The data contact faces down and away from the embossed ‘i’. Once the iButton is inserted in the
enclosure, snap the end cap over it. The end cap is removed by depressing the release tab,
swinging it fully open, and sliding out the hinge.
Looking into Female RJ11
65
43
21



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com