Electronic Components Datasheet Search
  English  ▼

X  

RK36 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RK36
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RK36 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RK36 Datasheet HTML 1Page - List of Unclassifed Manufacturers RK36 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead Temperature T (
°C)
T —IF(AV) Characteristics
RK 16
10
20
70
60
30
40
50
0
1
5
50
10
20ms
RK 36
0
25 30
50
75
100
150
125
0
0.4
0.8
1.6
1.2
2.0
RK 46
80
90
100
110
120
130
0
1
2
3
4
5
VR=60V
10
20
40
30
0
1
5
50
10
20ms
5
10
20
15
25
0
1
5
50
10
20ms
025
50
40
75
100
150
125
0
0.3
0.6
0.9
1.2
1.5
0
0.5
1.0
1.5
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.2
1.0
50
10
1
0.1
0.01
0.001
040
20
60
80
50
10
1
0.1
0.01
0.001
040
20
60
80
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
50
10
1
0.1
0.01
0.001
0
40
100
20
60
80
30
10
1
0.1
0.01
0.001
Ta 125ºC
=
60ºC
100ºC
27ºC
100ºC
Ta 125ºC
=
60ºC
27ºC
Ta 125ºC
=
60ºC
100ºC
R.T
100ºC
Ta 125ºC
=
60ºC
R. T
D.C.
t / T 1/2
=
t / T 1/6
=
t / T 1/ 3
=
Sinewave
Ta 125ºC
=
100ºC
60ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
26ºC
L =15 mm
L =15 mm
P. C. B.
180•180 •1.6 t
10 •10mm
35
µmt Cu
101
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Solder



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com