Electronic Components Datasheet Search
  English  ▼

X  

AD5590BBC Datasheet(PDF) 10 Page - Analog Devices

Part # AD5590BBC
Description  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5590BBC Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5590BBC Datasheet HTML 6Page - Analog Devices AD5590BBC Datasheet HTML 7Page - Analog Devices AD5590BBC Datasheet HTML 8Page - Analog Devices AD5590BBC Datasheet HTML 9Page - Analog Devices AD5590BBC Datasheet HTML 10Page - Analog Devices AD5590BBC Datasheet HTML 11Page - Analog Devices AD5590BBC Datasheet HTML 12Page - Analog Devices AD5590BBC Datasheet HTML 13Page - Analog Devices AD5590BBC Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD5590
Rev. A | Page 9 of 44
TIMING SPECIFICATIONS
ADC Timing Characteristics
ADCVDD = 2.7 V to 5.25 V, VDRIVE ≤ ADCVDD, VREFA = 2.5 V; All specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter1
Limit at TMIN, TMAX; ADCVDD = 5 V
Unit
Conditions/Comments
fSCLK2
10
kHz min
20
MHz min
tCONVERT
16 × tASCLK
MHz max
tQUIET
50
ns min
t2
10
ns min
ASYNC to ASCLK setup time
t33
14
ns max
Delay from ASYNC until ADOUT three-state disabled
t3b4
20
ns min
Data hold time
t43
40
ns max
Data access time after ASCLK falling edge
t5
0.4 × tASCLK
ns min
ASCLK low pulse width
t6
0.4 × tASCLK
ns min
ASCLK high pulse width
t7
15
ns min
ASCLK to ADOUT valid hold time
t85
15/50
ns min/max
ASCLK falling edge to ADOUT high impedance
t9
20
ns min
ADIN setup time prior to ASCLK falling edge
t10
5
ns min
ADIN Hold time prior to ASCLK falling edge
t11
20
ns min
16th ASCLK falling edge to ASYNC high
t12
1
µs max
Power-up time from full power-down/autoshutdown/
autostandby modes
1
Guaranteed by design and characterization. Not production tested. All input signals are specified with tr = tf = 5 ns (10% to 90% of ADCVDD) and timed from a voltage
level of 1.6 V.
2
Maximum ASCLK frequency is 50 MHz at ADCVDD = 2.7 V to 5.5 V. Guaranteed by design and characterization; not production tested.
3
Measured with the load circuit of Figure 3 and defined as the time required for the output to cross 0.4 V or 0.7 × VDRIVE.
4
t3b represents a worst-case figure for having ADD3 available on the ADOUT line, that is, if the ADC goes back into three-state at the end of a conversion and some
other device takes control of the bus between conversions, the user needs to wait a maximum time of t3b before having ADD3 valid on the ADOUT line. If the ADOUT
line is weakly driven to ADD3 between conversions, then the user typically needs to wait 17 ns at 3 V and 12 ns at 5 V after the ASYNC falling edge before seeing ADD3
valid on ADOUT.
5
t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 3. The measured number is then extrapolated
back to remove the effects of charging or discharging the 25 pF capacitor. This means that the time, t8, quoted in the timing characteristics, is the true bus relinquish
time of the part and is independent of bus loading.
ASCLK
ADOUT
ADIN
ASYNC
WRITE
SEQ
ADD3
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
ADD2
ADD1
ADD0
DB11
DB10
DB2
DB1
DB0
B
t2
t3b
t3
1
2
3
4
5
6
13
14
15
16
t9
t10
t8
t4
t7
t6
t5
t11
tQUIET
tCONVERT
THREE-
STATE
THREE-
STATE ADD3
FOUR IDENTIFICATION BITS
Figure 2. ADC Timing Characteristics
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
25pF
Figure 3. Load Circuit for ADC Digital Output Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com