Electronic Components Datasheet Search
  English  ▼

X  

AD7293BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 6Page - Analog Devices AD7293BCPZ Datasheet HTML 7Page - Analog Devices AD7293BCPZ Datasheet HTML 8Page - Analog Devices AD7293BCPZ Datasheet HTML 9Page - Analog Devices AD7293BCPZ Datasheet HTML 10Page - Analog Devices AD7293BCPZ Datasheet HTML 11Page - Analog Devices AD7293BCPZ Datasheet HTML 12Page - Analog Devices AD7293BCPZ Datasheet HTML 13Page - Analog Devices AD7293BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 10 of 78
TIMING CHARACTERISTICS
SPI Serial Interface
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 2.7 V to 16 V, AVSS = 0 V,
RSx+ = AVDD to 55 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external, VDRIVE = 1.7 V to 5.5 V, TA = −40°C to +125°C, unless
otherwise noted.
Table 7.
Limit at TMIN/TMAX
Parameter
Description
VDRIVE = 1.7 V to 2.7 V
VDRIVE = 2.7 V to 5.5 V
Unit
fSCLK
Frequency of serial read clock1
8
15
MHz max
t1
SCLK period
150
66.67
ns min
t2
SCLK low
40
26
ns min
t3
SCLK high
40
26
ns min
t4
CS falling edge to SCLK rising edge
5
5
ns min
t5
DIN setup time to SCLK rising edge
10
10
ns min
t62
DIN hold time after SCLK rising edge
10
10
ns max
t7
Last SCLK rising edge to CS rising edge
5
5
ns min
t8
CS high
12
10
ns min
t93
CS rising edge to next SCLK rising edge
1
1
ns min
t10
SCLK falling edge to CS falling edge
1
1
ns min
t11
SCLK falling edge to output data valid delay time from
high impedance4
60
30
ns max
t12
SCLK falling edge to output data valid delay time4
60
30
ns max
t13
Last SCLK falling edge to DOUT high impedance4
20
20
ns typ
t14
CS rising edge to DOUT high impedance4
25
15
ns max
1
DOUT loaded with 10 pF for DOUT timing specifications.
2
Time required for the output to cross 0.2 × VDRIVE and 0.8 × VDRIVE when VDRIVE < 2.7 V; time required for the output to cross 0.3 × VDRIVE and 0.7 × VDRIVE when 2.7 ≤ VDRIVE ≤5.5 V.
3
Guaranteed by design and characterization; not production tested.
4
MISO speed set to maximum in the general register.
Asynchronous Inputs
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 2.7 V to 16 V, AVSS = 0 V,
RSx+ = AVDD to 55 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external, VDRIVE = 1.7 V to 5.5 V, TA = −40°C to +125°C, unless
otherwise noted.
Table 8.
Limit at TMIN/TMAX
Parameter
Description
VDRIVE = 1.7 V to 2.7 V
VDRIVE = 2.7 V to 5.5 V
Unit
t151
Minimum LDAC pulse width
90
90
ns min
t16
Minimum CONVST pulse width
90
90
ns min
t17
Minimum IS BLANK pulse width
90
90
ns min
t18
Minimum RESET pulse width
90
90
ns min
1
Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com