Electronic Components Datasheet Search
  English  ▼

X  

AD8450 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8450
Description  Precision Analog Front End and Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450 Datasheet(HTML) 5 Page - Analog Devices

  AD8450 Datasheet HTML 1Page - Analog Devices AD8450 Datasheet HTML 2Page - Analog Devices AD8450 Datasheet HTML 3Page - Analog Devices AD8450 Datasheet HTML 4Page - Analog Devices AD8450 Datasheet HTML 5Page - Analog Devices AD8450 Datasheet HTML 6Page - Analog Devices AD8450 Datasheet HTML 7Page - Analog Devices AD8450 Datasheet HTML 8Page - Analog Devices AD8450 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AD8450
Data Sheet
Rev. B | Page 4 of 41
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Small Signal −3 dB Bandwidth
Gain = 26
1.5
MHz
Gain = 66
630
kHz
Gain = 133
330
kHz
Gain = 200
220
kHz
Slew Rate
ΔVISMEA = 10 V
5
V/µs
VOLTAGE SENSE PGDA
Internal Fixed Gains
0.2, 0.27, 0.4, 0.8
V/V
Gain Error
VIN = ±10 V
±0.1
%
Gain Drift
TA = TMIN to TMAX
3
ppm/°C
Gain Nonlinearity
VBVMEA = ±10 V, RL = 2 kΩ
3
ppm
Offset Voltage (RTO)
BVREFH and BVREFL pins grounded
500
µV
Offset Voltage Drift
TA = TMIN to TMAX
4
µV/°C
Differential Input Voltage Range
Gain = 0.8, VBVN0 = 0 V, VBVREFL = 0 V
AVCC = +15 V, AVEE = −15 V
−16
+16
V
AVCC = +25 V, AVEE = −5 V
−4
+29
V
Input Common-Mode Voltage Range
Gain = 0.8, VBVMEA = 0 V
AVCC = +15 V, AVEE = −15 V
−27
+27
V
AVCC = +25 V, AVEE = −5 V
−7
+50
V
Differential Input Impedance
Gain = 0.2
800
kΩ
Gain = 0.27
600
kΩ
Gain = 0.4
400
kΩ
Gain = 0.8
200
kΩ
Input Common-Mode Impedance
Gain = 0.2
240
kΩ
Gain = 0.27
190
kΩ
Gain = 0.4
140
kΩ
Gain = 0.8
90
kΩ
Output Voltage Swing
AVEE + 1.5
AVCC − 1.5
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1.7
V
Capacitive Load Drive
1000
pF
Short-Circuit Current
30
mA
Reference Input Voltage Range
BVREFH and BVREFL pins tied together
AVEE
AVCC
V
Output Voltage Level Shift
BVREFL pin grounded
Maximum
BVREFH pin connected to VREF pin
4.5
5
5.5
mV
Scale Factor
VBVMEA/VBVREFH
1.8
2
2.2
mV/V
CMRR
ΔVCM = 10 V, all fixed gains, RTO
80
dB
Temperature Coefficient
TA = TMIN to TMAX
0.05
µV/V/°C
PSRR
ΔVS = 20 V, all fixed gains, RTO
100
dB
Output Voltage Noise
f = 1 kHz, RTI
Gain = 0.2
325
nV/√Hz
Gain = 0.27
250
nV/√Hz
Gain = 0.4
180
nV/√Hz
Gain = 0.8
105
nV/√Hz
Voltage Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz, RTI
Gain = 0.2
6
µV p-p
Gain = 0.27
5
µV p-p
Gain = 0.4
3
µV p-p
Gain = 0.8
2
µV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com