Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000-3 Datasheet(PDF) 60 Page - Analog Devices

Part # ADAS1000-3
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-3 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADAS1000-3 Datasheet HTML 56Page - Analog Devices ADAS1000-3 Datasheet HTML 57Page - Analog Devices ADAS1000-3 Datasheet HTML 58Page - Analog Devices ADAS1000-3 Datasheet HTML 59Page - Analog Devices ADAS1000-3 Datasheet HTML 60Page - Analog Devices ADAS1000-3 Datasheet HTML 61Page - Analog Devices ADAS1000-3 Datasheet HTML 62Page - Analog Devices ADAS1000-3 Datasheet HTML 63Page - Analog Devices ADAS1000-3 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
Table 30. Respiration Control Register (RESPCTL) Address 0x03, Reset Value = 0x0000001
AA
REE
AA
/W
Default
Bit
Name
Function
[23:17]
Reserved
Reserved, set to 0.
R/W
0
16
RESPALTFREQ
Setting this bit to 1 makes the respiration waveform on the GPIO3 pin periodic every cycle. Use in
conjunction with RESFREQ to select drive frequency.
0 (default) = periodic every N cycles (default).
1 = periodic every cycle.
R/W
0
15
RESPEXTSYNC
Set this bit to 1 to drive the MSB of the respiration DAC out onto the GPIO3 pin. This signal can be
used to synchronize an external generator to the respiration carrier. It is a constant period only
when RESPALTFREQ = 1.
0 (default) = normal GPIO3 function.
1 = MSB of RESPDAC driven onto the GPIO3 pin.
R/W
0
14
RESPEXTAMP
For use with an external instrumentation amplifier with respiration circuit. Bypasses the on-chip
amplifier stage and input directly to the ADC. See
Figure 69.
0 (default) = disabled.
1 = enabled.
R/W
0
13
RESPOUT
Selects external respiration drive output. RESPDAC_RA is automatically selected when RESPCAP = 1
0 (default) = RESPDAC_LL and RESPDAC_RA.
1 = RESPDAC_LA and RESPDAC_RA.
R/W
0
12
RESPCAP
Selects source of respiration capacitors.
0 (default) = use internal capacitors.
1 = use external capacitors.
R/W
0000
[11:8]
RESPGAIN [3:0]
Respiration in amp gain (saturates at 10).
0000 (default) = ×1 gain.
0001 = ×2 gain.
0010 = ×3 gain.
…
1000 = ×9 gain.
1001 = ×10 gain.
11xx = ×10 gain.
R/W
0
7
RESPEXTSEL
Selects between EXT_RESP _LA or EXT_RESP_LL paths. Applies only if the external respiration is
selected in RESPSEL. EXT_RESP_RA is automatically enabled.
0 (default) = EXT_RESP_LL.
1 = EXT_RESP_LA.
R/W
00
[6:5]
RESPSEL [1:0]
Set leads for respiration measurement.
00 (default) = Lead I.
01 = Lead II.
10 = Lead III.
11 = external respiration path.
R/W
00
[4:3]
RESPAMP
Set the test tone amplitude for respiration drive signal.
00 (default) = amplitude/8.
01 = amplitude/4.
10 = amplitude/2.
11 = amplitude.
R/W
00
[2:1]
RESPFREQ
Set frequency for respiration.
RESPFREQ
RESPALTFREQ = 0
RESPALTFREQ = 1 (periodic)
00 (default)
56 kHz
64 kHz
01
54 kHz
56.9 kHz
10
52 kHz
51.2 kHz
11
50 kHz
46.5 kHz
R/W
0
0
RESPEN
Enable respiration.
0 (default) = respiration disabled.
1 = respiration enabled.
1
ADAS1000-4 model only, ADAS1000-3 model does not contain this feature.
Rev. B | Page 60 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com