Electronic Components Datasheet Search
  English  ▼

X  

FSF10A20 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FSF10A20
Description  Low Forward Voltage drop Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FSF10A20 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FSF10A20 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FSF10A20 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD Type :
FSF10A20
FSF10A20
FSF10A20
FSF10A20
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:1.7g
Rating
Symbol
FSF10A20
Unit
Repetitive Peak Reverse Voltage
VRRM
200
V
Non-repetitive Peak Reverse Voltage
VRSM
220
Average Rectified Output Current
IO
10
Tc=100
°C
50 Hz Half Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
15.7
A
Surge Forward Current
IFSM
120
50 Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Mounting torque
0.5 Recommended value
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
25
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 10A
-
-
1.03
V
Reverse Recovery Time
trr
IFM= 10A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
35
ns
Rth(j-c) Junction to Case
-
-
4
Thermal Resistance
Rth(c-f) Case to Fin
-
-
1.5
°C/W
FEATURES
* Fully Molded Isolation Case
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Similar Part No. - FSF10A20

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FSF10A20 KSS-FSF10A20 Datasheet
709Kb / 5P
Fast Recovery Diode
logo
Inchange Semiconductor ...
FSF10A20 ISC-FSF10A20 Datasheet
320Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
FSF10A20B NIEC-FSF10A20B Datasheet
53Kb / 4P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FSF10A20B KSS-FSF10A20B Datasheet
709Kb / 5P
Fast Recovery Diode
logo
National Instruments Co...
FSF10A20B NI-FSF10A20B_15 Datasheet
127Kb / 1P
FRED
More results

Similar Description - FSF10A20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
Low Forward Voltage drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
Low Forward Voltage Drop Diode
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
Low Forward Voltage drop Diode
11DQ03L NIEC-11DQ03L Datasheet
37Kb / 6P
Low Forward Voltage drop Diode
11EQ06 NIEC-11EQ06 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
Low Forward Voltage drop Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com