Electronic Components Datasheet Search
  English  ▼

X  

G1VB22C Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # G1VB22C
Description  SIDAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

G1VB22C Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  G1VB22C Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd G1VB22C Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd G1VB22C Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd G1VB22C Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd G1VB22C Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd G1VB22C Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright & Copy;2003 Shindengen Electric Mfg.Co., Ltd.
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
Sidac
G1V(B)22C
Case : AX078
Absolute Maximum Ratings iUnless otherwise specified, Tl=25Žj
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40`125
Ž
Operating Junction Temperature
Tj
125
Ž
Maximum Off-state Voltage
VDRM(A)
190
V
RMS On-state Current
IT
Tl = 102Ž, 50Hz Sine wave (Æ = 180°)
1A
Pulse On-state Current
ITRM
Ta = 25 Ž, Pulse width 10Ês, 60 Hz Sine wave
120
A
Ta = 25 Ž, Pulse width 10Ês, 5 Hz Sine wave
280
Critical Rate of Rise of On-state Current
diT/dt
80
A/Ês
Electrical Characteristics iUnless otherwise specified, Tl=25Žj
Item
Symbol
Conditions
Ratings
Unit
Breakover Voltage
VBO(A) Pulse measurement (dv/dt = 4V/ms)
Min 210
V
Max 230
Off-state Current
IDRM(A) VD = VDRM(A)
Max 10
ÊA
Breakover Current
IBO(A)
Max 0.5
mA
Holding Current
IH(A)
Max 60
mA
IH(K)
On-state Voltage
VT(A) IT = 1A
Max 1.5
V
VT(K) IT = 1A
Switching Resistance
RS(A)
Min 0.1
k¶
Thermal Resistance
Æjl
Junction to lead
Max 17
Ž/W


Similar Part No. - G1VB22C

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
G1VB22C SHINDENGEN-G1VB22C_17 Datasheet
1Mb / 4P
Absolute Maximum Ratings
More results

Similar Description - G1VB22C

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
Sidac
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
Sidac
K1VA10 SHINDENGEN-K1VA10 Datasheet
415Kb / 10P
Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
SIDAC
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
Sidac
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com