Electronic Components Datasheet Search
  English  ▼

X  

GL9T08 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL9T08
Description  Super-luminosity/High-luminosity Numeric LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL9T08 Datasheet(HTML) 2 Page - Sharp Corporation

  GL9T08 Datasheet HTML 1Page - Sharp Corporation GL9T08 Datasheet HTML 2Page - Sharp Corporation GL9T08 Datasheet HTML 3Page - Sharp Corporation GL9T08 Datasheet HTML 4Page - Sharp Corporation GL9T08 Datasheet HTML 5Page - Sharp Corporation GL9T08 Datasheet HTML 6Page - Sharp Corporation GL9T08 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Numeric LED Characteristics Diagrams
145
T series
D series
* In case of 25.4mm: value per 1segment 1chip
* In case of 25.4/45.0mm: value per 1segment 1chip
(Duty ratio1/10)
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(Ta=25˚C)
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
(Ta=25˚C)
(1F=20mA/seg)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
(Ta=25˚C)
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80
0
10
20
30
40
50
60
70
-20
0
20
40
60
100
80
0
50
100
150
200
250
300
350
-20
0
20
40
60
100
80
(Duty ratio1/10)
0.5
2
1
3
5
10
20
50
100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(Ta=25˚C)
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
1
2
5
200
100
20
50
10
500
0.1
0.2
0.5
1
2
5
10
20
50
(Ta=25˚C)
(1F=20mA/seg)
10
20
50
200
100
500
1000
-20
0
20
40
60
100
80
5
10
30
50
100
300
500
1/50
1/20
1/10
1/5
1/2
1
(Ta=25˚C)
45.0mm
Substrate type
45.0mm
Substrate type
Forward Current Derating Curve
Forward Current vs. Forward Voltage*
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
Forward voltage VF(V/seg)
Ambient temperature Ta(˚C)
Mold type
Peak Forward Current Derating Curve
Luminous Intensity vs. Forward Current
Duty Ratio vs. Peak Forward Current
Ambient temperature Ta(˚C)
Forward current IF(mA/seg)
Duty ratio DR
Mold type
Mold type
Forward Current Derating Curve
Forward Current vs. Forward Voltage*
Luminous Intensity vs. Ambient Temperature
Ambient temperature Ta(˚C)
Forward voltage VF(V/seg)
Ambient temperature Ta(˚C)
Mold type
Substrate type
Peak Forward Current Derating Curve
Luminous Intensity vs. Forward Current
Duty Ratio vs. Peak Forward Current
Ambient temperature Ta(˚C)
Forward current IF(mA/seg)
Duty ratio DR
Mold type
Substrate type
Mold type
Substrate type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com