Electronic Components Datasheet Search
  English  ▼

X  

OPF430 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPF430
Description  Fiber Optic Detector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF430 Datasheet(HTML) 1 Page - TT Electronics.

  OPF430 Datasheet HTML 1Page - TT Electronics. OPF430 Datasheet HTML 2Page - TT Electronics. OPF430 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fiber Optic Detector
OPF430
© TT electronics plc
Issue B
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPF430 is a low noise silicon PIN photodiode mounted in a low cost package for fiber op c applica ons. It offers fast
response at moderate bias and is compa ble with LED and laser diode sources in the 800-1000 nm wavelength region. Low
capacitance improves signal to noise performance in typical short haul LAN applica ons.
The OPF430 is designed to be compa ble with mul mode op cal fibers from 50/125 to 200/300 microns.
Applications:
•
Industrial Ethernet equipment
•
Copper-to-fiber media conversion
•
Intra system fiber op c links
•
Video surveillance systems
Features:
•
Electrically isolated plas c cap package
•
High speed, low capacitance
•
Metal can for improved noise immunity
•
100MHz opera on minimum
RoHS
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:


Similar Part No. - OPF430

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF430 OPTEK-OPF430 Datasheet
266Kb / 2P
Fiber Optic High Speed PIN Photodiode
OPF430 OPTEK-OPF430_14 Datasheet
313Kb / 3P
Fiber Optic Detector
More results

Similar Description - OPF430

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF420 OPTEK-OPF420_14 Datasheet
311Kb / 3P
Fiber Optic Detector
OPF430 OPTEK-OPF430_14 Datasheet
313Kb / 3P
Fiber Optic Detector
OPF470 OPTEK-OPF470_14 Datasheet
314Kb / 3P
Fiber Optic Detector
OPF480 OPTEK-OPF480_14 Datasheet
316Kb / 3P
Fiber Optic Detector
logo
TT Electronics.
OPF422 TTELEC-OPF422 Datasheet
328Kb / 3P
Fiber Optic Detector
OPF432 TTELEC-OPF432 Datasheet
387Kb / 3P
Fiber Optic Detector
OPF420 TTELEC-OPF420 Datasheet
350Kb / 3P
Fiber Optic Detector
OPF480 TTELEC-OPF480 Datasheet
365Kb / 3P
FIBER OPTIC DETECTOR
OPF482 TTELEC-OPF482 Datasheet
471Kb / 2P
Fiber Optic Detector
OPF472 TTELEC-OPF472 Datasheet
759Kb / 3P
Fiber Optic Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com