Electronic Components Datasheet Search
  English  ▼

X  

MAX12934 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12934
Description  Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12934 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12934 Datasheet HTML 1Page - Maxim Integrated Products MAX12934 Datasheet HTML 2Page - Maxim Integrated Products MAX12934 Datasheet HTML 3Page - Maxim Integrated Products MAX12934 Datasheet HTML 4Page - Maxim Integrated Products MAX12934 Datasheet HTML 5Page - Maxim Integrated Products MAX12934 Datasheet HTML 6Page - Maxim Integrated Products MAX12934 Datasheet HTML 7Page - Maxim Integrated Products MAX12934 Datasheet HTML 8Page - Maxim Integrated Products MAX12934 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at
VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, GNDA = GNDB, TA = 25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (MAX12935_)
(Note 3)
IDDA
1MHz square
wave, CL = 0pF
VDDA = 5V
0.42
0.70
mA
VDDA = 3.3V
0.39
0.67
VDDA = 2.5V
0.38
0.64
VDDA = 1.8V
0.36
0.56
12.5MHz square
wave, CL = 0pF
VDDA = 5V
1.07
1.52
VDDA = 3.3V
0.89
1.29
VDDA = 2.5V
0.81
1.19
VDDA = 1.8V
0.73
1.03
50MHz square
wave, CL = 0pF
VDDA = 5V
3.06
3.87
VDDA = 3.3V
2.37
3.06
VDDA = 2.5V
2.08
2.72
VDDA = 1.8V
1.82
2.33
IDDB
1MHz square
wave, CL = 0pF
VDDB = 5V
0.42
0.70
mA
VDDB = 3.3V
0.39
0.67
VDDB = 2.5V
0.38
0.64
VDDB = 1.8V
0.36
0.56
12.5MHz square
wave, CL = 0pF
VDDB = 5V
1.07
1.52
VDDB = 3.3V
0.89
1.29
VDDB = 2.5V
0.81
1.19
VDDB = 1.8V
0.73
1.03
50MHz square
wave, CL = 0pF
VDDB = 5V
3.06
3.87
VDDB = 3.3V
2.37
3.06
VDDB = 2.5V
2.08
2.72
VDDB = 1.8V
1.82
2.33
LOGIC INPUTS AND OUTPUTS
Input High Voltage
VIH
2.25V ≤ VDD_ ≤ 5.5V
0.7 x VDD_
V
1.71V ≤ VDD_ < 2.25V
0.75 x VDD_
Input Low Voltage
VIL
2.25V ≤ VDD_ ≤ 5.5V
0.8
V
1.71V ≤ VDD_ < 2.25V
0.7
Input Hysteresis
VHYS
MAX1293_B/E
410
mV
MAX1293_C/F
80
Input Pullup Current (Note 4)
IPU
IN_, MAX1293_B/C
-10
-5
-1.5
µA
Input Pulldown Current (Note 4)
IPD
IN_, MAX1293_E/F
1.5
5
10
µA
Input Capacitance
CIN
IN_, fSW = 1MHz
2
pF
DC Electrical Characteristics (continued)
MAX12934/MAX12935
Two-Channel, Fast, Low-Power,
5kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com