Electronic Components Datasheet Search
  English  ▼

X  

MAX14828 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14828
Description  Low-Power, Ultra-Small IO-Link Device Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14828 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14828 Datasheet HTML 1Page - Maxim Integrated Products MAX14828 Datasheet HTML 2Page - Maxim Integrated Products MAX14828 Datasheet HTML 3Page - Maxim Integrated Products MAX14828 Datasheet HTML 4Page - Maxim Integrated Products MAX14828 Datasheet HTML 5Page - Maxim Integrated Products MAX14828 Datasheet HTML 6Page - Maxim Integrated Products MAX14828 Datasheet HTML 7Page - Maxim Integrated Products MAX14828 Datasheet HTML 8Page - Maxim Integrated Products MAX14828 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
General Description
The MAX14828 integrates the high-voltage functions
commonly found in industrial sensors. The MAX14828
features one ultra low-power driver (C/Q) with active
reverse-polarity protection. An auxiliary digital input is
provided to allow firmware updates through a UART
interface. Transient protection is simplified due to high
voltage tolerance allowing the use of micro TVS.
The device features a flexible control interface. Pin-control
logic inputs allow for operation with switching sensors
that do not use a microcontroller. For sensors that use a
microcontroller, an SPI interface is available with extensive
diagnostics. For IO-Link operation, a UART interface is
provided, allowing interfacing to the microcontroller UART.
Finally, a multiplexed UART/SPI option allows using one
serial microcontroller interface for shared SPI and UART
interfaces.
The device includes on-board 3.3V and 5V linear
regulators for low-noise analog/logic supply rails.
The MAX14828 is available in a (4mm x 4mm) 24-pin
TQFN package and a (2.5mm x 2.5mm) wafer-level
package (WLP) and is specified over the extended -40°C
to +125°C temperature range.
Applications
● Industrial sensors
● IO-Link sensors and actuators
● Safety applications
Benefits and Features
● Low Power Dissipation for Small Sensors
• 1.2Ω (typ) Driver On-Resistance
• 50mW (typ) Power Dissipation When Driving
100mA Load
● High Configurability and Integration Reduce SKUs
• Auxiliary 24V Digital Input
• Selectable Driver Current: 50mA to 250mA
• SPI or Pin-Control Interface for Configuration and
Monitoring
• Multiplexed SPI/UART Interface Option
• 5V and 3.3V Linear Regulators
• Optional External Transistor Supports Higher
Regulator Loads
• Integrated LED Drivers
• Pin and Software Compatible to MAX14827A
● Robust Communication
• 65V Absolute Maximum Ratings on Interface and
Supply Pins Allows for Flexible TVS Protection
• Glitch Filters for Improved Burst Resilience and
Noise
• Thermal Shutdown
• Hot-Plug Supply Protection
• Reverse Polarity Protection of All Sensor Interface
Inputs/Outputs
• -40°C to +125°C Operating Temperature Range
Ordering Information appears at end of data sheet.
IO-Link is a registered trademark of Profibus User Organization (PNO).
SPI is a trademark of Motorola, Inc.
19-100001; Rev 0; 6/17
MAX14828
GND
C/Q
V24
REG
V5
L+
L-
1
4
2
3
1µF
MICROCONTROLLER
VCC
3.3V
5V
VL
V33
GPIO
IRQ/OC
10kΩ
SPI
RX
RX
IRQ
WU
TX
TX
RTS
TXEN
GND
SPI/PIN
1µF
UARTSEL
C/Q
0.1µF
LED1
DI
MAX14828
Low-Power, Ultra-Small IO-Link
Device Transceiver
Typical Operating Circuit
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
More results

Similar Description - MAX14828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX14827EVKIT MAXIM-MAX14827EVKIT Datasheet
1Mb / 15P
IO-Link-Compliant Device Transceiver
Rev 1; 7/16
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX22515EVKIT MAXIM-MAX22515EVKIT Datasheet
772Kb / 12P
IO-Link-Compliant Device Transceiver
Rev 0; 10/19
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com