Electronic Components Datasheet Search
  English  ▼

X  

MAX14874 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14874
Description  4.5V to 36V Dual Relay/Valve/Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14874 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14874 Datasheet HTML 1Page - Maxim Integrated Products MAX14874 Datasheet HTML 2Page - Maxim Integrated Products MAX14874 Datasheet HTML 3Page - Maxim Integrated Products MAX14874 Datasheet HTML 4Page - Maxim Integrated Products MAX14874 Datasheet HTML 5Page - Maxim Integrated Products MAX14874 Datasheet HTML 6Page - Maxim Integrated Products MAX14874 Datasheet HTML 7Page - Maxim Integrated Products MAX14874 Datasheet HTML 8Page - Maxim Integrated Products MAX14874 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 1. M1/M2 Propagation Delays
MAX14874
4.5V to 36V Dual Relay/Valve/Motor Driver
www.maximintegrated.com
Maxim Integrated │ 4
Test Circuits/Timing Diagrams
M1 or M2
tPR
tPF
LOW
HIGH
VDD
0V
IN1 or IN2
M1 or M2
1V
1V
RL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com