Electronic Components Datasheet Search
  English  ▼

X  

MAX17548 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17548
Description  42V, Dual-Output, Synchronous Step-Down Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17548 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17548 Datasheet HTML 1Page - Maxim Integrated Products MAX17548 Datasheet HTML 2Page - Maxim Integrated Products MAX17548 Datasheet HTML 3Page - Maxim Integrated Products MAX17548 Datasheet HTML 4Page - Maxim Integrated Products MAX17548 Datasheet HTML 5Page - Maxim Integrated Products MAX17548 Datasheet HTML 6Page - Maxim Integrated Products MAX17548 Datasheet HTML 7Page - Maxim Integrated Products MAX17548 Datasheet HTML 8Page - Maxim Integrated Products MAX17548 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
(VIN = 24V, RT = open, CVCCINT = 4.7µF, EN_ = open, DH_, DL_ = open, TJ = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCCINT REGULATOR
VCCINT Output Voltage
VCCINT
6V < VIN < 42V, IVCCINT = 1mA
4.95
5.1
5.25
V
6V < VCCEXT < 24V, IVCCINT = 1mA
(VCCINT supplied from VCCEXT)
4.95
5.1
5.25
VCCINT Load Regulation
VIN = 12V, I = 0mA to 100mA, VCCEXT =
0V (VCCINT supplied from VIN)
5
25
50
mV
VVCCEXT = 12V, IVCCINT = 0mA to 100mA
(VCCINT supplied from VCCEXT)
5
25
50
VCCINT Short-Circuit Output
Current
VIN = 8.5V, VCCEXT = 0V, VCCINT = 4V
120
250
340
mA
VCCEXT = 8.5V, VCCINT = 4V
(VCCINT supplied from VCCEXT)
120
250
340
VCCINT Dropout Voltage
VIN = 4.5V, load = 75mA, VCCEXT = 0
50
150
420
mV
VCCINT supplied from VCCEXT, VIN = 24V,
VCCEXT = 4.7V, load = 75mA
50
150
420
VCCEXT Switch Overvoltage
VCCEXT rising
4.55
4.7
4.85
V
VCCEXT Switch Overvoltage
Hysteresis
0.2
0.25
0.3
V
VCCINT UVLO
VCCINT rising
4
4.2
4.4
V
VCCINT falling
3.5
3.7
3.9
OSCILLATOR
Switching Frequency
fSW
RT = 62kΩ
405
440
475
kHz
RT = VCCINT
480
535
590
RT = GND
325
350
375
RT Pullup Current
VRT = 0.5V
9.5
10
10.5
µA
Switching Frequency
Adjustable Range
fSW
26.5kΩ < RT < 280kΩ
100
2200
kHz
SKIP
DCM Mode Setting Range
1.25
VCCINT
-1.6
V
PWM Mode Setting Range
VCCINT
- 1.5
VCCINT
V
SKIP Pulldown Resistance
70
100
130
kΩ
MAX17548
42V, Dual-Output, Synchronous
Step-Down Controller
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com